データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FTS-7G-R

  • AI
    The **FTS-7G-R** is a specialized electronic component, typically identified as a **high-precision, temperature-compensated crystal oscillator (TCXO)** or a related timing module, often produced by manufacturers like Taitien or similar frequency control specialists. It is designed for high-stability applications such as telecommunications and GPS synchronization. --- ### 1. Technical Specifications The "FTS" series generally focuses on stability and low phase noise. Below are the typical electronic characteristics associated with this part: | Parameter | Typical Value / Description | | :--- | :--- | | **Output Frequency** | Usually 10MHz or 20MHz (Standard for Stratum 3) | | **Supply Voltage** | 3.3V or 5.0V DC | | **Frequency Stability** | ±0.1 ppm to ±0.28 ppm (Temperature dependent) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Output Type** | CMOS or Clipped Sine Wave | | **Package Type** | Surface Mount Device (SMD) - 7.0 x 5.0 mm | --- ### 2. Key Electronic Features The FTS-7G-R incorporates several sophisticated internal subsystems to ensure timing accuracy: * **Temperature Compensation Circuitry:** It uses an internal sensor to detect ambient temperature changes and applies a correction voltage to the crystal to prevent frequency drift. * **Voltage Regulation:** Built-in low-dropout regulators (LDOs) ensure that fluctuations in the input power supply do not affect the output frequency. * **Low Phase Noise:** Engineered to minimize "jitter," which is critical for high-speed data transmission and radio frequency (RF) up/down conversion. * **RoHS Compliance:** The "-R" suffix usually denotes **RoHS compliance**, meaning the part is manufactured without hazardous substances like lead. --- ### 3. Application Use Cases Due to its high precision, the FTS-7G-R is commonly found in the following electronic systems: 1. **Base Stations (LTE/5G):** Providing the "heartbeat" for synchronized wireless communication. 2. **Network Switches/Routers:** Handling SyncE (Synchronous Ethernet) and IEEE 1588 timing protocols. 3. **GPS/GNSS Receivers:** Assisting in rapid satellite signal acquisition by maintaining a stable local reference. 4. **Test and Measurement:** Used in handheld spectrum analyzers or signal generators. --- ### 4. Circuit Integration (Typical) When designing a PCB for the FTS-7G-R, engineers must follow specific layout rules: * **Decoupling:** A 0.1µF ceramic capacitor should be placed as close as possible to the Vcc pin. * **Ground Plane:** A solid ground plane beneath the component is required to minimize EMI. * **Keep-out Zone:** High-speed digital traces should not run directly under the oscillator to avoid noise coupling.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a TCXO and an OCXO in terms of power consumption?
    • ⤷ How does the 'ppm' rating affect the accuracy of a timing circuit over one year?
    • ⤷ Can the FTS-7G-R be used in automotive-grade environments?