データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FTS-8F-R

  • AI
    The **FTS-8F-R** is an electronic component primarily classified as a **Ferrite Core** or **Suppression Core**, designed for Electromagnetic Interference (EMI) management. It is often used to reduce high-frequency noise in electronic circuits. ### 1. Key Technical Specifications Below are the typical characteristics associated with the FTS series (specifically the 8F-R variant): | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Ferrite Core (Toroidal/Sleeve) | | **Material** | Nickel-Zinc (Ni-Zn) or Manganese-Zinc (Mn-Zn) | | **Impedance** | High at 10MHz - 500MHz range | | **Inside Diameter (ID)** | ~8.0 mm (allowing for cable passage) | | **Compliance** | RoHS Compliant (indicated by the "-R" suffix) | | **Primary Function** | Common Mode Choke / Noise Suppression | --- ### 2. Functional Breakdown #### A. EMI Suppression The FTS-8F-R acts as a low-pass filter. It allows low-frequency signals (like DC power) to pass through with minimal resistance but creates high impedance for high-frequency "noise." This prevents your device from emitting or absorbing unwanted radio frequency interference. #### B. The "-R" Suffix In modern electronics manufacturing, the **-R** suffix almost universally denotes **RoHS Compliance**. This means the part is manufactured without hazardous substances like lead, mercury, or cadmium, making it suitable for global distribution. #### C. Physical Design * **Aperture:** The "8" usually refers to an 8mm inner diameter, designed to be slipped over wires or small bundles of cables. * **Toroidal Shape:** The closed-loop magnetic path is highly efficient at containing magnetic flux, which minimizes interference with nearby components. --- ### 3. Common Applications * **Power Supplies:** Placed on the output wires to clean up switching noise. * **Data Cables:** Used on USB or peripheral cables to prevent data corruption from external EMI. * **Industrial Equipment:** Protecting sensitive sensors from motor noise. --- ### 4. Installation Example If you are integrating this into a PCB or cable assembly, the implementation usually looks like this: ```markdown 1. Identify the cable or lead carrying the noise. 2. Slide the FTS-8F-R core over the wire. 3. For increased effectiveness, loop the wire through the core twice (if diameter permits). 4. Secure the core using heat-shrink tubing or a cable tie to prevent sliding. ```
    ✨ Follow-up Questions
    • ⤷What is the exact impedance rating for the FTS-8F-R at 100MHz?
    • ⤷ Can this core be used for both AC and DC power lines?
    • ⤷ How does the size of the ferrite core affect its noise suppression capabilities?