データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FUD-0B-R./Q

  • AI
    The **FUD-0B-R/Q** refers to a specific type of logic control or sensor interface module, most commonly associated with industrial automation systems (specifically Panasonic/Sunx series). It is designed to bridge the gap between sensing devices and control logic. --- ### 1. Key Technical Specifications The "R/Q" designation often refers to the output logic type (Relay or Transistor) and the connector orientation. | Parameter | Specification Details | | :--- | :--- | | **Model Type** | Fiber Optic Amplifier / Logic Control Unit | | **Input Voltage** | Typically 12-24V DC | | **Output Type** | PNP/NPN Open Collector or Relay (depending on R/Q suffix) | | **Response Time** | High speed (typically < 1ms) | | **Mounting** | DIN Rail Mountable | --- ### 2. Main Electronic Components The internal architecture of the FUD-0B-R/Q consists of several critical electronic sub-systems: #### A. Signal Processing IC * **Microcontroller/ASIC:** This is the "brain" that processes the analog signal from the fiber optic sensor or input lead and converts it into a digital switching signal. * **Threshold Comparator:** Allows the user to set a sensitivity level; the device compares the incoming signal against this threshold to trigger the output. #### B. Output Stage * **Switching Transistors:** For "Q" models (Transistor output), high-speed transistors handle the load switching. * **Mechanical Relay:** For "R" models (Relay output), a miniature electromagnetic relay provides galvanic isolation for higher voltage loads. #### C. Power Management * **Voltage Regulator:** Converts the input 24V DC into stable internal voltages (3.3V or 5V) to protect delicate logic components. * **Reverse Polarity Protection:** Diodes placed at the input stage to prevent damage if the power supply wires are crossed. --- ### 3. Connection and Wiring Logic The electronic interface usually follows a standard industrial wiring color code: ```yaml Brown: +V (12-24V DC) Blue: 0V (Ground) Black: Output (Control Signal) White: Mode Selection (Light-ON / Dark-ON) ``` --- ### 4. Application Use Case The FUD-0B-R/Q is electronically designed for: 1. **Object Detection:** Processing signals from fiber optic cables in tight spaces. 2. **Logic Inversion:** Switching between "Normally Open" and "Normally Closed" states. 3. **Signal Amplification:** Taking a weak light-intensity signal and turning it into a robust electrical pulse for a PLC (Programmable Logic Controller).
    ✨ Follow-up Questions
    • ⤷ What is the difference in wiring between the R and Q versions?
    • ⤷ How do you adjust the sensitivity threshold on this specific module?
    • ⤷ Is this module compatible with standard 24V PLC inputs?