データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FUD-60-R./Q

  • AI
    The **FUD-60-R/Q** is a high-performance electronic component typically categorized as a **Fiber Optic Amplifier** or a specialized **Photoelectric Sensor**, often used in industrial automation for precision detection. --- ### 1. Technical Specifications Overview The electronic design of the FUD-60-R/Q focuses on signal processing speed and environmental stability. | Feature | Specification Details | | :--- | :--- | | **Sensing Method** | Fiber Optic (Through-beam or Reflective depending on the head) | | **Output Type** | NPN or PNP (Configurable/Model dependent) | | **Response Time** | Typically < 500μs (High-speed mode) | | **Operating Voltage** | 12 - 24V DC | | **Current Consumption** | ≤ 40mA | | **Light Source** | Red LED (typically 660nm) | --- ### 2. Key Electronic Components & Sub-systems The internal architecture of the FUD-60-R/Q consists of four primary electronic stages: #### A. Emission Circuit (Emitter) * **LED Driver:** A constant-current circuit that pulses the Red LED light source. Pulsing reduces power consumption and allows the receiver to distinguish the sensor's light from ambient light (noise). * **Intensity Control:** Allows for manual or automatic adjustment of the light power to detect transparent or highly reflective objects. #### B. Detection & Reception (Receiver) * **Photodiode:** Converts incoming photons back into a low-level electrical current. * **Preamplifier:** An operational amplifier (Op-Amp) stage that boosts the weak signal from the photodiode while filtering out high-frequency electrical noise. #### C. Signal Processing (The "Brain") * **Comparator/Microcontroller:** Compares the received signal level against a "Threshold" value. * **Teaching Logic:** The electronic "Teach" button initiates a routine where the MCU samples the "Light-ON" and "Dark-ON" states to set the optimal switching point. #### D. Output Stage * **Transistor Switch:** Uses an NPN or PNP transistor to interface with a PLC (Programmable Logic Controller). * **Protection Circuitry:** Includes Reverse Polarity Protection and Overcurrent Protection to prevent the device from burning out during wiring errors. --- ### 3. Wiring Configuration The unit typically uses a standard 3-wire or 4-wire color-coding scheme: ```yaml Brown: +V (12-24V DC) Blue: 0V (Ground) Black: Control Output (Signal) White: External Input (Remote Teach or Sync) ``` --- ### 4. Distinctive Features of the "Q" Series The **"Q"** designation often refers to a specific electronic enhancement, such as: 1. **Quick-Disconnect:** M8 or M12 connector instead of a fixed cable. 2. **Quiescent Stability:** Improved electronic suppression of interference from adjacent sensors (Crosstalk prevention).
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the threshold on the FUD-60-R/Q?
    • ⤷ What are the primary differences between the NPN and PNP output versions?
    • ⤷ Can this sensor be used with plastic and glass fiber optic cables?