データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FUD-C4W-R./Q

  • AI
    The **FUD-C4W-R/Q** is a high-performance **Fiber Optic Digital Sensor** typically manufactured by automation specialists like **Panasonic (formerly Sunx)** or similar industrial control brands. These sensors are designed for high-speed detection in industrial automation environments. --- ### 1. Key Technical Specifications The "C4W" designation generally refers to a 4-channel or high-functionality variant with specific wiring configurations. | Feature | Specification Details | | :--- | :--- | | **Sensing Method** | Fiber Optic (depends on the fiber head attached) | | **Output Type** | PNP or NPN (Model specific, 'Q' usually denotes connector type) | | **Supply Voltage** | 12V to 24V DC | | **Response Time** | High-speed (often < 250μs) | | **Display** | Dual Digital Display (Threshold and Current Value) | | **Light Source** | Red LED (visible) | --- ### 2. Electronic Component Breakdown The internal architecture of the FUD-C4W-R/Q consists of four primary electronic stages: #### A. The Optical Transceiver * **Emitter:** A high-intensity Red LED that pulses light into the fiber cable. * **Receiver:** A photodiode or phototransistor that converts returning light into a micro-electrical current. #### B. Signal Processing (ASIC) * **Amplifier:** High-gain circuitry to boost weak signals from the receiver. * **Comparator:** Compares the received signal strength against a user-defined threshold. * **A/D Converter:** Converts the analog light intensity into a digital value for the dual display. #### C. User Interface & Logic * **Microcontroller:** Manages logic functions like "Light-ON" vs "Dark-ON" modes and timer delays (ON-delay, OFF-delay). * **EEPROM:** Stores settings (thresholds, modes) so they are not lost during power cycles. #### D. Output & Protection * **Transistor Switch:** An open-collector transistor (NPN or PNP) that handles the load. * **Protection Circuitry:** Includes reverse polarity protection, overcurrent protection, and surge suppression. --- ### 3. Wiring and Pin Configuration The **"Q"** in the suffix typically refers to an **M8 or M12 Quick-Disconnect Connector**. | Pin Number | Wire Color | Function | | :--- | :--- | :--- | | **1** | Brown | +V (12-24V DC) | | **2** | White | External Input (Remote Teach/Reset) | | **3** | Blue | 0V (GND) | | **4** | Black | Control Output (Signal) | --- ### 4. Distinctive Features * **Mutual Interference Prevention:** Allows multiple sensors to be mounted side-by-side without their light pulses confusing each other. * **Teaching Function:** A "Teach" button that allows the electronic brain to automatically set the optimal threshold based on the background and object. * **High Resolution:** Capable of detecting minute changes in light, useful for transparent object detection or small parts counting.
    ✨ Follow-up Questions
    • ⤷What is the difference between NPN and PNP output in this sensor?
    • ⤷ How do I perform a 'Teaching' calibration on this model?
    • ⤷ What types of fiber optic heads are compatible with the FUD-C4W series?