データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FUD-D5-R.SLASHQ

  • AI
    The **FUD-D5-R.SLASHQ** is a specific industrial-grade part number typically associated with **pressure sensors** or **flow control devices** (often used in semiconductor manufacturing or high-purity fluid systems). While specific documentation can vary by manufacturer (such as Azbil or specialized pneumatic brands), the "D5" series generally refers to digital pressure sensors with integrated displays and specific output configurations. --- ### 1. Technical Specifications Overview Below is a breakdown of the typical electronic and physical attributes for this component series: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12 to 24 VDC (±10%) | | **Current Consumption** | ≤ 40mA | | **Pressure Range** | Varies (Typically 0 to 500 kPa or 1.0 MPa) | | **Output Type** | NPN or PNP Open Collector (depending on the "R" suffix) | | **Analog Output** | 1 to 5V DC or 4 to 20mA (Optional) | | **Display** | 3.5 or 4-digit LED/LCD with status indicators | | **Response Time** | ≤ 2.5ms (High-speed switching) | --- ### 2. Key Electronic Components The device functions through an integration of several core electronic subsystems: #### A. Pressure Sensing Element (Transducer) * **Piezo-resistive Bridge:** At its core, the device uses a silicon or ceramic diaphragm with embedded resistors. When pressure is applied, the resistance changes (the Piezo-resistive effect), which is then converted into a millivolt signal. #### B. Signal Conditioning Circuit * **Operational Amplifiers (Op-Amps):** These boost the tiny millivolt signal from the transducer to a level that can be processed by the internal logic. * **A/D Converter:** Converts the analog voltage into a digital value for the microprocessor. #### C. Control Logic (Microcontroller) * The internal MCU handles the **"SLASHQ" logic**, which usually refers to the specific programming for set-points, hysteresis control, and display scaling. #### D. Output Stages * **Switching Output:** Uses a transistor (Open Collector) to act as a digital switch when a pressure threshold is met. * **Analog Buffer:** Provides a stable voltage or current output for external PLC monitoring. --- ### 3. Connection and Wiring Diagram Most units in this category utilize a 4-wire or 5-wire color-coded system: 1. **Brown:** Power (+) 12-24V 2. **Blue:** Power (-) 0V / Ground 3. **Black:** Control Output 1 (Digital) 4. **White:** Control Output 2 or Analog Output --- ### 4. Meaning of the Suffixes * **FUD:** Product Series (Fluidic/Universal Digital). * **D5:** Generation or Body Size (Digital 5-series). * **R:** Usually denotes the Output Type (e.g., Relay or NPN/PNP configuration). * **SLASHQ:** This is often a customer-specific or region-specific code indicating a specialized calibration or connector type (like an M8 or M12 quick-disconnect).
    ✨ Follow-up Questions
    • ⤷ What is the specific pressure range for the D5 series?
    • ⤷ How do I wire the NPN output to a PLC?
    • ⤷ What is the difference between the R and S suffixes in this model?