データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FUD-F3-R./Q

  • AI
    The **FUD-F3-R/Q** is a high-performance **Fiber Optic Amplifier** (often categorized under sensor technology) manufactured by companies like **FOTEK**. This device is used to detect objects in industrial automation by processing light signals through fiber optic cables. --- ### 1. Core Electronic Specifications The internal electronics are designed for high-speed switching and precise threshold detection. | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 12 ~ 24 VDC (±10% ripple) | | **Output Type** | NPN or PNP (depending on the R/Q suffix) | | **Response Time** | High Speed (< 0.5 ms) | | **Current Consumption** | Max 40mA | | **Light Source** | Infrared or Visible Red LED | | **Control Output** | 100mA Max at 30VDC | --- ### 2. Key Electronic Components & Functions #### A. The Light Emitting Diode (LED) The heart of the unit is the emitter. The "R" usually indicates a **Red LED** light source, which is beneficial for alignment as the beam is visible to the human eye. #### B. Phototransistor / Receiver The receiver electronics convert incoming photons back into an electrical current. The sensitivity of this part can be adjusted via a built-in potentiometer or digital buttons to filter out background noise. #### C. Output Circuitry (R vs. Q) * **R Series:** Typically refers to a standard output configuration with a specific connector or cable type. * **Q Series:** Often denotes a **M8 Quick-Disconnect** connector integrated into the electronic housing, allowing for rapid replacement without rewiring. --- ### 3. Wiring Diagram (Electronic Interface) The device typically uses a 3-wire or 4-wire electronic interface: ```yaml Brown: +V (12-24V DC) Blue: 0V (GND) Black: Control Output (Load) White: Mode Selection (Light-ON / Dark-ON) ``` --- ### 4. Operational Features * **Sensitivity Adjustment:** Electronic trimming allows the sensor to detect transparent objects or very small parts. * **Circuit Protection:** Most models include reverse polarity protection and short-circuit protection to prevent damage to the internal PCB. * **Stability Indicator:** A green LED (usually) indicates if the received signal is strong enough to ensure reliable operation, while a red LED indicates the output status.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in the FUD-F3 series?
    • ⤷ How do I adjust the sensitivity for transparent object detection?
    • ⤷ Can this sensor be used with both thru-beam and reflective fiber cables?