FUDS-161-R.SLASHQ
AI

The part number **FUDS-161-R.SLASHQ** typically refers to a specialized **VFD (Vacuum Fluorescent Display)** module, often manufactured by companies like Futaba. These modules are widely used in automotive clusters, household appliances (like microwaves), and industrial equipment due to their high brightness and wide operating temperature.
---
### 1. Component Overview
The "FUDS" designation usually points to a **Graphic** or **Character** display module that integrates the glass display with the necessary driving circuitry.
| Feature | Description |
| :--- | :--- |
| **Display Type** | Vacuum Fluorescent Display (VFD) |
| **Technology** | Triode-like operation (Cathode, Grid, Anode) |
| **Emissive Color** | Typically Green/Blue-Green (High Visibility) |
| **Integration** | Often includes an onboard controller/driver IC |
---
### 2. Key Electronic Characteristics
VFDs like the FUDS-161 series operate on specific electronic principles that differ from standard LCDs or OLEDs:
* **Filament (Cathode):** Requires a low AC or DC voltage to heat the cathode to emit electrons.
* **Anode/Grid Voltage:** Requires a higher "pull" voltage (typically 20V to 70V) to attract electrons to the phosphor-coated segments.
* **Self-Luminescent:** Unlike LCDs, these do not require a backlight.
* **Interface:** Most ".SLASHQ" variants utilize a synchronous serial interface (SPI-like) or a parallel bus to communicate with a microcontroller (MCU).
---
### 3. Pinout and Connection Logic
While exact pinouts depend on the specific revision, a standard FUDS-161 module usually includes the following connections:
```cpp
// Common Interface Connections for VFD Modules
VCC -> Logic Power Supply (5V)
VSS -> Ground (0V)
VF -> Filament Power (AC/DC)
RESET -> Hardware Reset Pin
DATA -> Serial Data Input
CLOCK -> Shift Clock
CS -> Chip Select / Strobe
```
---
### 4. Technical Specifications (Typical)
| Parameter | Range/Value |
| :--- | :--- |
| **Operating Voltage (Logic)** | 4.5V to 5.5V |
| **Anode Voltage** | 30V to 50V (often generated internally via DC-DC) |
| **Operating Temperature** | -40°C to +85°C (Automotive Grade) |
| **Brightness** | ~500 to 1000 cd/m² |
---
### 5. Common Applications
* **Car Audio/Dashboards:** Excellent visibility in direct sunlight.
* **Point of Sale (POS):** Customer-facing price displays.
* **Medical Equipment:** High reliability and clear readability from distances.
- ⤷
What is the pinout configuration for the FUDS-161-R.SLASHQ?
- ⤷ How do I interface this VFD with an Arduino or ESP32?
- ⤷ Does this module require an external high-voltage power supply?