FUDS-4W4-R.SLASHQ
AI

The part number **FUDS-4W4-R.SLASHQ** refers to a high-current, mixed-layout **D-Sub (Subminiature) connector**, typically from the "F-Series" manufactured by companies like **FCT (a Molex company)**.
The suffix ".SLASHQ" usually indicates specialized packaging or a specific plating/quality requirement for industrial or military-grade applications.
---
### 1. Technical Specification Breakdown
Based on standard nomenclature for this series, here is the breakdown of the electronic components and features:
| Feature | Description |
| :--- | :--- |
| **Connector Type** | D-Subminiature (Mixed Layout) |
| **Shell Size** | Size 2 (Standard D-Sub shell size for 15-pin equivalents) |
| **Contact Layout** | **4W4** (4 Power/Coaxial cavities, no signal pins) |
| **Gender** | Socket / Female (denoted by "S") |
| **Mounting Style** | Right-Angle (denoted by "R") |
| **Contact Type** | High Power (capable of 10A to 40A depending on specific insert) |
---
### 2. Key Electronic Components
#### A. The Shell (Housing)
The "FU" prefix indicates a specific shell material, usually **Zinc-plated steel** or **Tin-plated steel**. It provides EMI/RFI shielding and physical grounding to the chassis.
#### B. 4W4 Insert Configuration
The "4W4" designation is critical. Unlike a standard 15-pin D-sub, this part has:
* **4 Large Cavities:** Designed to hold specialized "Coded" or "Power" contacts.
* **Zero Signal Pins:** This connector is purely for power delivery or high-frequency signals.
#### C. High Power Contacts
These connectors are designed to house gold-plated copper alloy contacts. Because it is a "Right-Angle" (R) version, the contacts are typically soldered directly into a PCB (Printed Circuit Board).
---
### 3. Applications
This specific part is used in hardware where space is limited but high current is required:
* **Power Supplies:** Delivering DC power to server blades.
* **Industrial Automation:** Connecting motor controllers.
* **Telecommunications:** Base station power distribution.
---
### 4. Technical Drawing Concept (Typical)
```text
___________________________
/ ( ) ( ) ( ) ( ) \ <-- 4 Power Cavities (4W4)
|_____________________________|
| |_| |_| |_| |_| | <-- Right-Angle PCB Leads
```
---
- ⤷
What is the maximum current rating (Amps) for the contacts used in 4W4 connectors?
- ⤷ Are there specific mounting hardware requirements for the 'SLASHQ' variant?
- ⤷ Can coaxial or pneumatic inserts be used in place of power contacts in this shell?