データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FUDS-HG-R.SLASHQ

  • AI
    The **FUDS-HG-R.SLASHQ** (part of the FUDS series) refers to a specialized high-performance industrial connector assembly, often utilized in automotive testing, high-frequency signal transmission, or ruggedized interface systems. The "HG" typically denotes a **High-Grade** or **Heavy-Duty** specification, while the suffix ".SLASHQ" often indicates a specific configuration related to high-speed data (Quadrax) or specialized shielding. --- ### Core Electronic Components and Specifications Below is a breakdown of the typical electronic elements found in this series: | Component | Description | Material/Technology | | :--- | :--- | :--- | | **Contact Pins** | High-conductivity male/female terminals. | Gold-plated copper alloy | | **Dielectric Insulator** | Prevents arcing between pins and maintains impedance. | PTFE or High-temp Thermoplastic | | **EMI Shielding** | 360° metal shroud to prevent signal interference. | Nickel-plated brass or Stainless steel | | **Quadrax Inserts** | (If .SLASHQ) Four-wire differential signal contacts. | High-speed data transmission (1Gbps+) | | **Sealing Gaskets** | Provides environmental protection (IP67/68). | Silicone or Fluoropolymer | --- ### Key Electronic Features 1. **Impedance Matching:** Designed to maintain a specific characteristic impedance (usually 100 $\Omega$ for differential pairs or 50 $\Omega$ for coax) to minimize signal reflection in high-frequency applications. 2. **Signal Integrity:** The ".SLASHQ" designation often implies the inclusion of **Quadrax** technology. This consists of two differential pairs shielded from each other, allowing for high-speed Ethernet or data bus communication in harsh environments. 3. **Mechanical Durability:** * **Mating Cycles:** Typically rated for 500+ cycles. * **Vibration Resistance:** Designed with locking mechanisms to prevent signal intermittent failures under high G-loads. --- ### Technical Usage Example (Typical Pinout) If integrated into a system using a standard Quadrax configuration, the wiring logic usually follows this pattern: ```yaml Pin_1: Signal A+ (Transmit) Pin_2: Signal B+ (Receive) Pin_3: Signal A- (Transmit Return) Pin_4: Signal B- (Receive Return) Outer_Shell: Ground / Shield ``` ### Common Applications * **Automotive Radar/Lidar:** Connecting high-bandwidth sensors to the ECU. * **Aerospace Avionics:** Secure data transmission for flight controls. * **Industrial Automation:** High-speed feedback loops in robotic arms. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum data transfer rate for the Quadrax configuration in this series?
    • ⤷ How does the HG (High-Grade) rating affect temperature tolerance?
    • ⤷ Are there specific crimping tools required for the FUDS-HG-R terminals?