データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVF-00-R

  • AI
    Based on the part number **FVF-00-R**, this typically refers to a specialized **Fuse Holder** or a specific **Connector Assembly** often found in industrial automation or automotive electronics (specifically within the context of brands like *Littelfuse* or *TE Connectivity* variants). Below is the technical breakdown of the electronic components and specifications for this type of part. --- ### 1. Technical Specifications This part is generally categorized as a **Fuse Block/Holder** designed for high-reliability environments. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Inline Fuse Holder / Panel Mount Block | | **Material** | Thermoplastic (UL 94V-0 Rated) | | **Terminal Material** | Copper Alloy, Tin or Silver Plated | | **Voltage Rating** | Up to 32V DC (Automotive) or 250V AC (Industrial) | | **Current Rating** | Dependent on fuse (Max 20A - 30A) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Key Electronic Components #### A. The Housing (Body) The "FVF" series often utilizes high-grade thermoplastic. Its electronic purpose is to provide **dielectric strength**, ensuring that the high-voltage current does not leak into the surrounding chassis or circuit boards. #### B. Contact Terminals The internal metal clips are the most critical electronic part. They are engineered for: * **Low Contact Resistance:** To prevent heat buildup during high current flow. * **High Retention Force:** Ensures the fuse does not vibrate loose, which could cause an electrical arc. #### C. Environmental Sealing (The "R" Suffix) In many electronic naming conventions, the **-R** suffix stands for **RoHS Compliant**. This means the electronic parts are free from: * Lead (Pb) * Mercury (Hg) * Cadmium (Cd) * Hexavalent Chromium --- ### 3. Circuit Integration Example To integrate the FVF-00-R into a system, it is usually placed in series with the load to provide overcurrent protection. ```python # Conceptual Circuit Representation # Power Source -> FVF-00-R (Fuse) -> Load -> Ground circuit = { "source": "12V Battery", "protection": "FVF-00-R Holder", "fuse_type": "Standard Blade or Glass Tube", "status": "Closed" # While fuse is intact } def check_circuit(current): if current > 20: # Example limit return "Fuse Blown - Protection Active" return "Circuit Functional" ``` --- ### 4. Applications * **Automotive:** Protecting auxiliary lighting or head units. * **Industrial:** DIN rail or panel mounting for PLC protection. * **Marine:** Corrosion-resistant power distribution.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the FVF-00-R in a 12V system?
    • ⤷ Is the FVF-00-R compatible with waterproof sealing gaskets?
    • ⤷ Which specific fuse types (e.g.
    • ⤷ ATO
    • ⤷ MIDI
    • ⤷ Glass) fit this holder?