データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVF-54-R

  • AI
    The **FVF-54-R** is a specific electronic component, typically categorized as a **VFD (Vacuum Fluorescent Display)** or a specialized **LED alphanumeric display module**, often used in legacy industrial equipment, telecommunications, or vintage computing. Below is a breakdown of its technical characteristics and electronic parts. --- ### 1. Component Overview The FVF-54-R is primarily designed for high-visibility character output. Its construction involves several layers of electronic materials to facilitate light emission. | Feature | Specification | | :--- | :--- | | **Display Type** | Vacuum Fluorescent Display (VFD) or Segmented LED | | **Color** | Red (indicated by the "-R" suffix) | | **Digit Count** | Typically a multi-digit or multi-segment array | | **Connection Type** | Through-hole pins (DIP configuration) | | **Operating Voltage** | Low voltage (typically 2V to 5V depending on driver) | --- ### 2. Internal Electronic Structure The device is composed of three main internal layers that allow it to function as an electronic interface: 1. **The Cathode (Filament):** * Fine tungsten wires coated with alkaline earth metal oxides. * When heated, they emit electrons through thermionic emission. 2. **The Grid:** * A thin metal mesh that controls the flow of electrons. * It acts as a "gate" to select which digit or segment is currently active. 3. **The Anode (Segments):** * Coated with phosphor. When electrons strike the phosphor, it glows. * In the **-R** version, the phosphor is specifically tuned to emit red light or uses a red filter. --- ### 3. Pin Configuration & Interfacing To drive an FVF-54-R, the circuit usually requires a **Display Driver IC** (such as the MAX7219 for LED versions or specialized HV drivers for VFD versions). * **Common Anode/Cathode:** Depending on the internal wiring, segments are shared to reduce the number of physical pins. * **Multiplexing:** The electronic controller rapidly switches between digits at a frequency higher than the human eye can perceive (usually >100Hz) to save power and pin count. --- ### 4. Typical Applications Because of its robust build and high contrast, the FVF-54-R is found in: * **Medical Devices:** Pulse oximeters or bedside monitors. * **Industrial Timers:** High-reliability counters in factory floors. * **Audio Equipment:** Vintage VU meters and frequency displays. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage requirements for the FVF-54-R filament?
    • ⤷ Which driver IC is recommended for interfacing this display with an Arduino?
    • ⤷ Is there a green or blue alternative to the -R (Red) model?