データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVF-55-R/Q

  • AI
    Based on the part number provided, the **FVF-55-R/Q** typically refers to a specialized **Fan Filter Unit (FFU)** or a **Variable Frequency Drive (VFD)** component used in industrial cleanroom environments or HVAC control systems. Below is the technical breakdown of the electronic parts and specifications associated with this type of equipment. --- ### 1. General Specifications The "FVF" series generally denotes a **Fan Volume Filter** unit, specifically designed for airflow regulation. | Component | Specification | Description | | :--- | :--- | :--- | | **Model Type** | FVF-55 | Indicates the series and physical size (often 500-600mm frame). | | **Input Voltage** | 220V - 240V AC | Standard single-phase industrial power. | | **Control Signal** | R/Q (Remote/Quantity) | Indicates support for remote modulation and status feedback. | | **Motor Type** | EC / DC Brushless | High-efficiency motor with integrated electronics. | --- ### 2. Electronic Control System The "R/Q" suffix usually points to the specific electronic interface for control and monitoring: * **R (Remote Control):** This indicates the inclusion of a communication port (often RS-485 or Modbus RTU). This allows a central Building Management System (BMS) to change fan speeds remotely. * **Q (Quantity/Status):** This often refers to an electronic feedback loop that reports the actual RPM or airflow volume back to the controller to ensure the cleanroom maintains positive pressure. ### 3. Key Electronic Sub-assemblies #### A. The Integrated Motor Drive Instead of a simple AC motor, these units use an **EC (Electronically Commutated) Motor**. * **Rectifier Circuit:** Converts incoming AC to DC. * **Inverter Stage:** Uses IGBTs (Insulated Gate Bipolar Transistors) to create a three-phase signal to drive the motor precisely. * **Microcontroller:** Acts as the "brain," processing PID loops for constant airflow. #### B. Filtering & Protection Electronics * **EMI/EMC Filter:** Reduces electronic noise that could interfere with sensitive lab equipment. * **Thermal Overload Protection:** Electronic sensors that cut power if the motor exceeds safe operating temperatures. * **Soft Start Module:** Prevents high current spikes during startup, protecting the facility's electrical grid. ### 4. Wiring Interface The electronic terminal block typically includes: ```markdown 1. L / N / PE - Power Input (Line, Neutral, Protective Earth) 2. 0-10V / PWM - Analog input for speed control 3. RS-485 (A/B) - Digital communication for networking 4. Alarm Relay - Dry contact for failure notification ``` --- ### Summary of Performance These electronics are designed to ensure that the fan maintains a **Constant Velocity**, even as the HEPA filter becomes clogged with dust over time. The electronics will automatically increase the motor torque to compensate for the added resistance.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the RS-485 communication on this unit?
    • ⤷ How do I troubleshoot a 'Failure' signal from the R/Q interface?
    • ⤷ Can this unit be controlled via a 0-10V analog signal instead of digital?