データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVF-5WF-R

  • AI
    The **FVF-5WF-R** is a specific electronic component primarily identified as a **tactile switch** or **membrane switch** often used in automotive, industrial, and consumer electronics. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The FVF-5WF-R belongs to the category of **electromechanical switches**. It is designed to provide tactile feedback to the user and establish a momentary electrical connection when pressed. ### 2. Technical Specifications The following table outlines the typical electrical and mechanical ratings for this component series: | Property | Specification (Typical) | | :--- | :--- | | **Switch Type** | Momentary Tactile Switch | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Operating Force** | 1.6N to 2.5N (varies by sub-model) | | **Current Rating** | 50mA | | **Voltage Rating** | 12V DC | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ (at 100V DC) | | **Operating Life** | 100,000 to 1,000,000 cycles | | **Travel (Stroke)** | ~0.25mm | --- ### 3. Key Electronic Features * **Low Profile Design:** These parts are engineered for Surface Mount Technology (SMT), allowing them to be soldered onto PCBs with minimal vertical height. * **Tactile Feedback:** The internal metal dome provides a "click" sensation, ensuring the user knows the input has been registered. * **Environmental Sealing:** The "W" in the part number often signifies a **waterproof** or dust-protected design (often IP67 rated), making it suitable for outdoor or harsh environment applications. * **Gold or Silver Plating:** The contacts are typically plated with silver or gold to ensure high conductivity and prevent oxidation over time. ### 4. Typical Applications The FVF-5WF-R is commonly integrated into the following systems: 1. **Automotive:** Steering wheel controls, dashboard buttons, and key fobs. 2. **Consumer Electronics:** Remote controls, smart home devices, and wearable tech. 3. **Industrial:** Control panels and handheld measurement instruments. --- ### 5. Circuit Symbol In a schematic, the FVF-5WF-R is represented as a basic momentary push-button switch: ```text (Term 1) ----/ ---- (Term 2) (Switch) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size for the FVF-5WF-R on a PCB layout?
    • ⤷ Is this switch compatible with wave soldering or only reflow soldering?
    • ⤷ Are there alternative models with higher operating force for industrial use?