データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVF-B0-R

  • AI
    The **FVF-B0-R** is a specific electronic component typically associated with industrial automation and control systems, specifically serving as an **interface or terminal block module** for PLC (Programmable Logic Controller) systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The FVF-B0-R is designed to bridge the gap between high-density PLC I/O connectors (like MIL-style flat cable connectors) and individual field wiring (screw terminals). | Feature | Specification | | :--- | :--- | | **Component Type** | Interface Terminal Block (Relay/Direct type) | | **Connection Method** | Screw Terminal (Field side) to Connector (PLC side) | | **Mounting Type** | DIN Rail Mounting | | **Typical Application** | Signal distribution and protection | --- ### 2. Key Electronic Components & Features The "R" in the suffix often denotes specific characteristics such as **Resistance** or **Relay** capability, depending on the manufacturer (commonly associated with brands like Fuji Electric or IDEC). #### A. Input/Output Interface * **High-Density Connector:** Usually features a 20-pin or 40-pin MIL connector. This allows a single cable to carry multiple signals from the PLC to the terminal block. * **Terminal Strip:** Converts the bundled cable into individual screw-down points for 24V DC or signal wiring. #### B. Circuit Protection * **Commoning Bars:** Internally, these modules often have a shared "Common" (Positive or Negative) to simplify wiring for multiple sensors or actuators. * **LED Indicators:** Most versions include SMD (Surface Mount Device) LEDs to indicate the status of each I/O channel (Active/Inactive). #### C. Electrical Ratings * **Rated Voltage:** Typically 24V DC. * **Rated Current:** Usually 1A per point, with a total current limit for the entire block (e.g., 4A - 8A total). * **Insulation Resistance:** Usually >100MΩ at 500V DC. --- ### 3. Connection Pinout Example While specific pinouts vary by manufacturer, a standard FVF-series interface follows this logic: | Terminal Pin | Signal Type | Function | | :--- | :--- | :--- | | 1 - 16 | I/O Signals | Individual data paths for sensors/valves | | 17 - 18 | Common (COM) | Shared return path or power supply | | 19 - 20 | NC / Shield | No connection or Grounding | --- ### 4. Installation & Safety * **Wire Size:** Accepts 22-14 AWG wires. * **Torque:** Screw terminals should be tightened to approximately 0.5 - 0.8 Nm. * **Environment:** Rated for industrial environments (IP20 protection), requiring a dry, dust-free enclosure.
    ✨ Follow-up Questions
    • ⤷ Which PLC brand (e.g.
    • ⤷ Mitsubishi
    • ⤷ Fuji
    • ⤷ Omron) are you pairing this module with?
    • ⤷ Do you need the specific wiring diagram for the 40-pin version of this part?
    • ⤷ Are you looking for a replacement part or designing a new control panel?