データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVF-B1-R

  • AI
    The **FVF-B1-R** typically refers to a high-performance **Fiber Optic Valve** or a specialized **Fluid Control Interface** used in industrial automation, often associated with brands like SMC or specialized pneumatic/electronic hybrid manufacturers. Below is an explanation of the electronic components and technical characteristics associated with this part. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Category** | Electro-Pneumatic Interface / Fiber Optic Sensor | | **Input Signal** | Fiber Optic Pulse / Discrete Electronic Signal | | **Operating Voltage** | Typically 12V - 24V DC | | **Response Time** | High-speed (< 2ms) | | **Connection Type** | R-Type (Circular or Specific Terminal Block) | | **Housing Material** | Aluminum or Heat-resistant Polymer | --- ### 2. Key Electronic Components #### A. Photo-Electric Transceiver The "FV" in the prefix often denotes a **Fiber-Vacuum** or **Fiber-Visual** interface. Inside the unit, there is a photodiode or phototransistor that converts light pulses arriving via fiber optic cables into electrical signals. This provides electromagnetic interference (EMI) immunity. #### B. Integrated Control Circuit (IC) The internal PCB (Printed Circuit Board) contains a logic controller or an ASIC (Application-Specific Integrated Circuit) that: * Filters signal noise. * Regulates the voltage for the solenoid coil. * Provides status feedback (LED indicators) for power and signal state. #### C. Solenoid Actuator The electronic signal triggers an electromagnetic coil (solenoid). When energized, it creates a magnetic field that moves a plunger, converting the electrical energy into mechanical movement to redirect air or fluid flow. --- ### 3. Connection and Wiring Layout The **-R** suffix usually indicates a specific wiring configuration or a "Red" indicator variant. ```yaml Pin Configuration (Standard 3-Pin/4-Pin): 1: [V+] Positive Supply (24V DC) 2: [Sig] Control Signal Input 3: [0V] Common / Ground 4: [Out] Feedback Status (Optional) ``` --- ### 4. Applications * **Semiconductor Manufacturing:** Used in cleanrooms where electronic interference must be minimized. * **High-Speed Sorting:** Used where millisecond response times are required. * **Hazardous Environments:** Using fiber optics (light) to trigger the electronics prevents sparks in explosive atmospheres.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the R-type connector on this model?
    • ⤷ How does the fiber optic input compare to a standard 24V DC trigger in terms of speed?
    • ⤷ Are there specific mounting kits required for the FVF-B1-R?