データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVF-B6-R

  • AI
    The **FVF-B6-R** is an electronic component primarily associated with industrial automation and fluid control, specifically manufactured by **CKD Corporation**. It is a **Pilot Operated 3-Port/5-Port Solenoid Valve** (specifically the "F" series / FVF line). Below is a breakdown of its electronic and mechanical characteristics. --- ## 1. Core Specifications The alphanumeric code "FVF-B6-R" denotes specific configuration details: | Component Feature | Detail | | :--- | :--- | | **Series** | FVF (Pilot Operated Solenoid Valve) | | **Body Size** | B (Designates flow capacity and physical size) | | **Port Size** | 6 (Typically refers to Rc1/8 or M5 port sizing) | | **Option** | R (Indicates specific porting orientation or mounting style) | --- ## 2. Electronic Characteristics As a solenoid-operated valve, its electronic profile is defined by the following parameters: ### A. Coil and Power Consumption * **Voltage Options:** Usually available in **24V DC** (most common for PLC control) or **100V/200V AC**. * **Power Consumption:** These valves are designed for high energy efficiency, often drawing between **0.5W to 1.5W** (DC). * **Duty Cycle:** Rated for **100% continuous duty**, meaning the solenoid can stay energized indefinitely without overheating. ### B. Electrical Connection Types Depending on the specific sub-model, the electronic connection is typically: * **Grommet Type:** Direct lead wires. * **Plug-in Connector:** Uses a specialized socket (like a 2-pin or 3-pin connector) for quick maintenance. * **LED Indicator:** Many models include a built-in LED to show the "ON/OFF" status of the solenoid. * **Surge Suppressor:** Integrated circuitry (diodes or varistors) to prevent back-EMF voltage spikes from damaging the PLC or control electronics. --- ## 3. Operational Logic The FVF-B6-R functions as an interface between electronic signals and pneumatic power. 1. **Signal Input:** A 24V DC signal is sent from a PLC (Programmable Logic Controller). 2. **Electromagnetic Induction:** The solenoid coil creates a magnetic field, pulling a plunger. 3. **Pilot Actuation:** The plunger opens a small "pilot" orifice, allowing air pressure to move the main internal spool. 4. **Mechanical Output:** The spool shifts, directing compressed air to an actuator (like a cylinder). --- ## 4. Typical Applications The FVF series is used in electronic assembly and automation for: * Small-scale robotic arm actuators. * Pneumatic pick-and-place machines. * Automated sorting systems. * Control of air-operated diaphragms. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout diagram for the FVF-B6-R electrical connector?
    • ⤷ Is the FVF-B6-R compatible with NPN or PNP PLC outputs?
    • ⤷ What are the common failure modes of the FVF series solenoid coils?