データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVF-C0-R/Q

  • AI
    The **FVF-C0-R/Q** series refers to specific electronic components typically associated with high-precision **Resistor Networks** or **High-Voltage/Frequency Control** modules (often produced by manufacturers like Murata or specialized power electronic firms). Based on common industry labeling for these parts, here is a breakdown of the electronic specifications and characteristics: ### 1. Component Overview These parts are designed for high-stability applications where resistance values must remain constant despite changes in temperature or voltage. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Precision Resistor Network / Voltage Divider | | **Package Style** | Radial Lead (R) / SMT (Q) variants | | **Tolerance** | Generally ±0.1% to ±1.0% | | **Temperature Coefficient** | Low TCR (e.g., 25ppm/°C to 100ppm/°C) | | **Material** | Metal Film or Thick Film on Ceramic Substrate | --- ### 2. Part Number Breakdown (Typical) While internal manufacturer codes vary, the suffixing usually follows this logic: * **FVF:** Series prefix (Often denoting "Film Voltage Fixed" or a specific proprietary film technology). * **C0:** Specifies the temperature characteristic (similar to NP0/C0G in capacitors, implying high stability and near-zero drift). * **R:** Denotes **Radial** lead configuration (through-hole mounting). * **Q:** Denotes **Quick-connect** or a specific **SMD/Quads** leadless orientation for surface mounting. --- ### 3. Key Electronic Characteristics #### A. Temperature Stability The "C0" designation is the most critical electronic aspect. It implies that the resistance value does not fluctuate significantly when the circuit heats up. This is vital for: * Feedback loops in Power Supplies. * Voltage sensing in EV (Electric Vehicle) battery management. #### B. Voltage Rating These parts are often rated for "High Working Voltage." They are designed with a serpentine pattern or specific film geometry to prevent arcing across the component surface. #### C. Power Dissipation Depending on the physical size (Case Size), these components typically handle between **0.25W and 2W**. --- ### 4. Typical Applications 1. **Industrial Inverters:** Used as a voltage divider to monitor the DC bus. 2. **Medical Equipment:** High-precision sensing in imaging machines (MRI/CT). 3. **Precision Measurement:** Front-end of multimeters or oscilloscopes. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage ratings for the FVF-C0-R series?
    • ⤷ How does the 'C0' stability compare to standard thick-film resistors?
    • ⤷ Are there specific footprint drawings available for the Q-variant?