データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVF-D4-R

  • AI
    The **FVF-D4-R** is a specific electronic component typically associated with industrial automation and control systems. It is part of the **FVF series**, which generally refers to **Foot Switches** (Pedal Switches) used for hands-free machinery control. --- ## 1. Component Identification The model number breaks down into specific technical characteristics: | Code Segment | Description | Typical Specification | | :--- | :--- | :--- | | **FVF** | Series Prefix | Foot-operated industrial switch | | **D4** | Configuration | Double pedal / Dual operation | | **R** | Feature/Reset | May indicate "Reset" function or specific contact rating | --- ## 2. Technical Specifications While exact specs can vary by manufacturer (such as Tend or Alion), the FVF-D4-R usually follows these parameters: ### Electrical Rating * **Operating Voltage:** 250V AC / 125V AC * **Current Rating:** 10A to 15A (Depending on the internal microswitch) * **Contact Type:** 1NO + 1NC (One Normally Open + One Normally Closed) per pedal. ### Mechanical Properties * **Housing Material:** Aluminum Die-cast or high-impact plastic (Zinc alloy base common for 'R' variants). * **Protection Rating:** IP65 (Water and dust resistant for industrial environments). * **Operating Temperature:** -10°C to +80°C. --- ## 3. Key Electronic Parts The internal assembly of the FVF-D4-R consists of several critical components: ### A. Microswitches The core switching mechanism. Most FVF-D4 models use a heavy-duty microswitch that provides a tactile "click" and high electrical durability. ### B. Return Spring A high-tension coil spring that ensures the pedal returns to the "OFF" position immediately upon release. ### C. Cable Gland / Terminal Block Located at the rear, this allows for secure wiring. The "R" variant often features a reinforced cable entry point to prevent wire fatigue. ### D. Interlock Mechanism (Optional) In dual pedal models like the D4, there is sometimes a mechanical interlock that prevents both pedals from being depressed simultaneously for safety reasons. --- ## 4. Typical Applications The FVF-D4-R is used in environments where an operator needs to control two distinct functions while keeping hands free: 1. **Industrial Sewing Machines:** Controlling motor speed and foot lift. 2. **Medical Equipment:** Adjusting table height and tilt. 3. **Welding Machines:** Controlling wire feed and arc start. 4. **Punching Presses:** Controlling the downward stroke and safety reset. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the FVF-D4-R and the FVF-S series?
    • ⤷ How do I wire a dual-pedal foot switch for 220V AC?
    • ⤷ Does the 'R' in FVF-D4-R stand for a latching or momentary action?