データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVF-DC-R/Q

  • AI
    The **FVF-DC-R/Q** series typically refers to specialized high-performance cooling fans or thermal management components often used in industrial power electronics, telecommunications, or server environments. The electronic architecture of these units is designed for precision control and durability under continuous operation. --- ### 1. Core Electronic Components The internal PCB of an FVF-DC series fan typically contains the following critical components: | Component | Function | Description | | :--- | :--- | :--- | | **Brushless DC (BLDC) Motor** | Propulsion | Uses electronic commutation instead of physical brushes to reduce friction and EMI. | | **Hall Effect Sensor** | Positioning | Detects the rotor's position to time the current pulses to the motor coils. | | **PWM Controller** | Speed Regulation | Processes the Pulse Width Modulation signal to adjust RPM based on system heat. | | **MOSFET Bridge** | Power Switching | High-speed switches that drive the motor phases (typically 3-phase). | | **Protection Circuitry** | Safety | Includes Reverse Polarity Protection and Locked Rotor Protection. | --- ### 2. Technical Specifications & Interface The "R/Q" suffix usually denotes specific signaling capabilities within the 4-wire or 3-wire interface standard: * **VCC (Red):** Positive DC voltage supply (typically 12V, 24V, or 48V). * **GND (Black):** Ground reference. * **FG / Tachometer (Yellow/White):** "Frequency Generator" signal that outputs a square wave proportional to the fan speed for monitoring. * **PWM (Blue):** Input signal used by the motherboard/controller to dictate the duty cycle (0%–100% speed). --- ### 3. Key Electronic Features The **R/Q** designation often implies enhanced reliability features: #### A. Soft Start Electronics To prevent high inrush current that could damage sensitive power supplies, the internal circuitry slowly ramps up the motor speed upon power-up. #### B. Auto-Restart Feature If the fan blades are physically obstructed, the electronic controller detects the "Locked Rotor" state and cuts power to the coils to prevent overheating, attempting a restart periodically. #### C. EMI/EMC Filtering Contains onboard capacitors and inductors to minimize electromagnetic interference, ensuring the fan does not disrupt nearby high-speed data signals. --- ### 4. Typical Wiring Pinout ```markdown Pin 1: [ - ] Ground (GND) Pin 2: [ + ] Power Supply (VDC) Pin 3: [ S ] Speed Signal (FG/Tacho) Pin 4: [ C ] Control Signal (PWM) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage requirements for the FVF-DC-R/Q model?
    • ⤷ How does the Locked Rotor Protection circuit function in these fans?
    • ⤷ What is the difference between the FG signal and the RD (Rotation Detection) signal?