データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVF-DF-R/Q

  • AI
    The **FVF-DF-R/Q** refers to a specific series of high-performance, motorized flow control valves, typically used in HVAC and industrial automation systems (often associated with brands like Danfoss). These units combine mechanical valve bodies with sophisticated electronic actuators. --- ### 1. Key Electronic Components The "Electronic" side of this device is housed within the actuator assembly. Below are the primary internal modules: | Component | Function | | :--- | :--- | | **Microprocessor/Controller** | The "brain" that processes input signals (0-10V, 4-20mA) and calculates the necessary motor position. | | **Brushless DC Motor (BLDC)** | Provides the physical torque to move the valve stem. BLDCs are used for precision and longevity. | | **Feedback Potentiometer** | A variable resistor or optical encoder that tracks the exact position of the valve plug to ensure accuracy. | | **Signal Interface** | Terminal blocks that receive control signals from a Building Management System (BMS) or PLC. | | **DIP Switches** | Small internal switches used to configure manual settings like "Direct/Reverse" acting or signal type. | --- ### 2. Control and Operational Logic The electronics are designed to translate a digital or analog request into physical movement. * **Modulating Control:** The electronics accept a **0-10V DC** or **4-20mA** signal. For example, a 5V signal might tell the actuator to move the valve to exactly 50% open. * **Fail-Safe Function (The "R" or "Q" suffix):** * Many of these models include **Supercapacitors** or a **Spring Return** mechanism. * In the event of a power failure, the electronics use stored energy to drive the valve to a "Safe" position (Fully Closed or Fully Open) to prevent system damage. * **Self-Calibration:** Upon first power-up, the electronics perform a "stroke adjustment" where the motor moves the valve to its physical limits to map the 0% and 100% positions. --- ### 3. Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Supply Voltage** | 24V AC/DC or 230V AC (model dependent) | | **Input Signal** | 0(2)-10 VDC, 0(4)-20 mA | | **Output Feedback** | 0-10 VDC (for BMS monitoring) | | **Protection Class** | IP54 (Dust and splash resistance) | | **Manual Override** | Mechanical handle with electronic cutout | --- ### 4. Wiring Diagram Overview The electronic interface usually consists of a 3 or 5-wire setup: 1. **Power (L/N or +/-):** Supplies the 24V/230V. 2. **Common (COM):** The reference ground for signals. 3. **Input (Y):** The control signal from the controller. 4. **Feedback (X):** Sends the current position back to the controller. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' variants in terms of closing speed?
    • ⤷ How do I calibrate the electronic actuator if the valve is not closing fully?
    • ⤷ Can this actuator be controlled via Modbus or BacNet protocols?