データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVF-GW4-R

  • AI
    The **FVF-GW4-R** is a specific industrial communication gateway, typically associated with **Fanuc** or specialized CNC and robotic automation environments. It serves as a bridge for data exchange between fieldbus protocols and upper-level systems. --- ### 1. Core Technical Specifications The device is designed for high-reliability industrial environments. Below are the primary electronic and technical characteristics: | Feature | Specification | | :--- | :--- | | **Device Type** | Fieldbus Gateway / Remote I/O Interface | | **Input Voltage** | 24V DC (Standard Industrial Power) | | **Interface 1** | FL-net (High-speed controller-to-controller network) | | **Interface 2** | Proprietary Fanuc I/O Link or Serial Interface | | **Mounting** | DIN Rail or Panel Mount | | **Status Indicators** | LED diagnostics (Power, Run, Alarm, Link/Activity) | --- ### 2. Key Electronic Components & Modules The internal architecture of the FVF-GW4-R consists of several critical electronic subsystems: #### A. Microcontroller / Processor Unit The heart of the gateway is a dedicated processor (often an ASIC or FPGA) that handles protocol translation in real-time. It ensures that data packets from one network (like Ethernet-based FL-net) are converted into the timing and electrical standards of another. #### B. Isolation & Protection Circuitry To survive factory floor conditions, the FVF-GW4-R includes: * **Optocouplers:** Provide galvanic isolation between the communication ports and the internal logic to prevent ground loops. * **TVS Diodes:** Protect the sensitive digital circuits from Transient Voltage Spikes caused by motor switching or lightning. #### C. Communication Controllers * **Physical Layer (PHY) Transceivers:** These chips manage the electrical signaling for the RS-422, RS-485, or Ethernet physical interfaces. * **Buffer Memory:** High-speed RAM used to temporarily store I/O data maps, ensuring no data loss occurs during asynchronous communication. #### D. Power Management Module Converts the incoming 24V DC into lower logic-level voltages (typically 5V, 3.3V, or 1.8V) required by the onboard integrated circuits. It includes filtering capacitors to remove "noise" from the industrial power grid. --- ### 3. Connection Pinout Logic While specific pinouts can vary by revision, the electronic interface usually follows this logic: 1. **Power Terminals:** Dedicated screw terminals for +24V and 0V (GND). 2. **Network Ports:** Standard RJ45 or specialized D-Sub connectors for the fieldbus. 3. **Grounding Bolt:** A physical chassis ground point to dissipate Electro-Magnetic Interference (EMI). --- ### 4. Functional Role in Systems In an electronic ecosystem, the FVF-GW4-R acts as a **Protocol Converter**. * **Data Mapping:** It maps digital inputs/outputs from a CNC machine into registers that a PLC (Programmable Logic Controller) can read. * **Timing:** It synchronizes the data transfer rate between a fast Ethernet network and a slower serial-based I/O link.
    ✨ Follow-up Questions
    • ⤷ What are the specific protocol conversion capabilities of the FVF-GW4-R?
    • ⤷ How do you troubleshoot the 'Alarm' LED on this specific gateway?
    • ⤷ What are the configuration software requirements for this device?