データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVF-H3-R

  • AI
    The **FVF-H3-R** typically refers to a high-performance **Flat-Type Flexible Cable Connector** or a specific series of **Rotary/Pivoting Actuator Connectors** (often associated with manufacturers like JAE or Hiroi, or used in specialized industrial robotics). These components are designed for high-density electronic packaging where space is limited and movement is required. --- ### 1. Technical Specifications Overview The electronic characteristics of the FVF-H3-R series focus on signal integrity and physical durability in compact environments. | Feature | Description | | :--- | :--- | | **Component Type** | FPC (Flexible Printed Circuit) Connector | | **Actuator Style** | Rotary Flip-Lock / Front-Flip | | **Pitch** | Typically 0.3mm to 0.5mm (High density) | | **Contact Point** | Bottom Contact / Dual Contact | | **Mounting Type** | Surface Mount (SMD) | | **Current Rating** | ~0.5A per pin (typical) | --- ### 2. Key Electronic Components & Design The FVF-H3-R is composed of several critical elements that ensure electrical connectivity: #### A. Contact Material * **Base Material:** Copper Alloy for high conductivity. * **Plating:** Gold plating over Nickel is standard to prevent oxidation and maintain low contact resistance over multiple mating cycles. #### B. Housing and Insulation * **Material:** Heat-resistant Thermoplastic (LCP - Liquid Crystal Polymer). * **Function:** Provides high insulation resistance (typically 500MΩ minimum) and ensures the part can withstand reflow soldering temperatures (up to 260°C). #### C. Locking Mechanism (Actuator) * The "R" in the suffix often denotes a **Rotary** or **Flip** lock mechanism. This provides a mechanical strain relief that secures the FPC cable against the contacts, preventing signal intermittent failure due to vibration. --- ### 3. Application Use Cases Due to its thin profile and reliable connection, this part is used in: 1. **Mobile Devices:** Connecting LCD screens or camera modules to the main PCB. 2. **Medical Equipment:** Compact handheld diagnostic tools. 3. **Industrial Robotics:** Signal transmission in pivoting joints where a flexible cable is necessary. --- ### 4. Mounting Layout (Typical) ```c // Representation of PCB Land Pattern for SMT [Contact Pad] [Contact Pad] [Contact Pad] | | | [-------------------------------] <-- Connector Body | | | [Solder Tab] [Solder Tab] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer rate supported by the FVF-H3-R series?
    • ⤷ Are there specific FPC thickness requirements for the FVF-H3-R connector?
    • ⤷ How does the 'Front-Flip' actuator compare to 'Back-Flip' designs in terms of reliability?