データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVF-ZD-R/Q

  • AI
    The **FVF-ZD-R/Q** typically refers to a high-performance **Electromagnetic Vibratory Feeder Control Unit** or a specific series of industrial vibratory controllers used in automated packaging and material handling systems. --- ### 1. Key Electronic Components The internal circuitry of this device is designed to convert standard AC power into a controlled pulse signal to drive electromagnetic coils. | Component | Function | | :--- | :--- | | **Thyristor (SCR/Triac)** | The core switching element that regulates the voltage/current sent to the vibrator. | | **Microcontroller (MCU)** | Processes user input, stabilizes frequency, and manages timing logic. | | **Potentiometer** | Allows for manual adjustment of the vibration amplitude (intensity). | | **Filter Capacitors** | Smooths out electrical noise to ensure stable vibration patterns. | | **Optocoupler** | Provides electrical isolation between the control logic and high-voltage power stage for safety. | --- ### 2. Technical Specifications The "R/Q" designation often refers to specific control modes, such as **Remote (R)** signal integration or **Quick (Q)** start/stop response. * **Input Voltage:** 220V AC (Standard industrial single phase). * **Output Type:** DC Pulsed or Phase-Shifted AC. * **Control Signal:** Often supports 0-10V DC or 4-20mA for PLC integration. * **Frequency Control:** Usually fixed at 50/60Hz or adjustable via digital synthesis. --- ### 3. Functional Logic The electronic parts work together to perform the following operations: 1. **Phase-Shift Control:** The controller delays the "turn-on" time of the thyristor in each AC cycle to reduce the effective power, thus controlling the vibration strength. 2. **Soft Start:** To protect the mechanical springs of the feeder, the electronics ramp up the voltage gradually. 3. **Sensor Feedback:** Many "Q" models include ports for infrared or fiber optic sensors to stop the feeder automatically when a track is full. --- ### 4. Wiring Interface Code Example For automated systems, the control logic is often handled via a PLC. Below is a conceptual representation of how a PLC might interface with the FVF controller via a 0-10V signal: ```python # Conceptual logic for PLC controlling FVF-ZD-R/Q def adjust_feeder_speed(sensor_status, target_amplitude): if sensor_status == "TRACK_FULL": set_analog_output(0.0) # Stop vibration else: # Scale 0-100% intensity to 0-10V signal voltage_out = (target_amplitude / 100) * 10.0 set_analog_output(voltage_out) ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I wire a 0-10V PLC signal to the FVF-ZD-R/Q controller?
    • ⤷ What are the common troubleshooting steps if the feeder stops vibrating?
    • ⤷ What is the difference between the R and Q suffixes in this specific model series?