データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVS-155-R

  • AI
    The **FVS-155-R** is a specific electronic component typically identified as a **high-voltage, fast-recovery rectifier diode**. These are commonly used in industrial laser power supplies, X-ray equipment, and high-voltage DC converters. ### 1. Key Technical Specifications The "155" in the part number often refers to its voltage rating, and "R" signifies specific recovery characteristics or physical orientation. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Peak Inverse Voltage (PIV)** | 15kV | The maximum voltage the diode can withstand in reverse bias. | | **Average Forward Current ($I_F$)** | 500mA - 1A | The maximum continuous current the diode can conduct. | | **Reverse Recovery Time ($t_{rr}$)** | < 150ns | The time taken to stop conducting when switched from forward to reverse bias. | | **Forward Voltage Drop ($V_F$)** | ~10V - 15V | The voltage lost across the device during conduction. | --- ### 2. Internal Electronic Structure The FVS-155-R is not a single PN junction; rather, it is a **multi-junction stack**. * **Series Construction:** Because a single silicon wafer cannot withstand 15kV, several dozen diode chips are stacked in series inside the molded casing. * **Encapsulation:** It is usually housed in a high-dielectric epoxy resin to prevent "arcing" (electrical discharge through the air) between the anode and cathode. * **Fast Recovery:** The silicon is "doped" with specific impurities (like gold or platinum) to allow the charge carriers to recombine quickly, enabling high-frequency operation. --- ### 3. Common Applications Due to its high voltage rating and fast switching speed, this component is found in specialized circuitry: 1. **Cockcroft-Walton Multipliers:** Used to step up AC voltage to very high DC voltages for particle accelerators or CRT displays. 2. **Laser Power Supplies:** Used in CO2 laser engraving/cutting machines to rectify the high-voltage trigger pulse. 3. **High-Frequency Inverters:** Integrated into power supplies where switching happens at frequencies above 20kHz. --- ### 4. Safety and Handling When working with the FVS-155-R, electronic technicians must observe specific protocols: * **Creepage Distance:** Ensure the PCB pads are far enough apart to prevent surface tracking. * **Heat Dissipation:** While it has a low current rating, the cumulative voltage drop ($V_F$) can generate significant heat ($P = I \times V$). * **Polarity:** The "R" suffix in some series indicates a "Reverse" polarity version or a specific lead configuration—always verify the cathode mark (usually a stripe) before soldering.
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard recovery and a fast recovery diode like the FVS-155-R?
    • ⤷ How do you test a 15kV diode using a standard multimeter?
    • ⤷ What are the common failure modes for high-voltage rectifier stacks?