データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVS-2G-R

  • AI
    The **FVS-2G-R** is a specific electronic component typically identified as a **high-voltage, high-reliability glass-passivated fast recovery diode**. These parts are frequently used in specialized industrial and power electronic circuits where rapid switching and high thermal stability are required. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the FVS-2G-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Fast Recovery Diode | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 2000V (2kV) | | **Average Forward Current ($I_{F(AV)}$)** | 0.2A - 0.5A (Application dependent) | | **Reverse Recovery Time ($t_{rr}$)** | < 100ns - 150ns | | **Operating Temperature Range** | -55°C to +150°C | | **Package Style** | Axial Lead (Glass or Resin Encapsulated) | --- ### 2. Core Electronic Components & Construction The FVS-2G-R is not a complex integrated circuit, but rather a discrete semiconductor built with specific layers: * **P-N Junction:** A high-purity silicon wafer with specific doping to handle high voltage levels. * **Glass Passivation:** The "G" in the part number often refers to **Glass Passivated Junction (GPRC)** technology. This involves a layer of glass over the junction to protect it from moisture and contaminants, ensuring stable leakage current. * **Axial Leads:** Tin-plated copper leads designed for through-hole PCB mounting. --- ### 3. Functional Roles in Circuits The FVS-2G-R is designed for "Fast Recovery." In electronics, this means the diode can switch from a conducting state to a blocking state very quickly, which is essential for: 1. **Rectification:** Converting high-voltage AC to DC in power supplies. 2. **Snubber Circuits:** Protecting sensitive components (like MOSFETs) from high-voltage spikes by providing a discharge path. 3. **Flyback Converters:** Used in the secondary side of high-voltage transformers (common in CRT displays, X-ray equipment, or air purifiers). 4. **Voltage Multipliers:** Used in "ladder" circuits to step up voltage to very high levels (e.g., ionizers). --- ### 4. Identification Code Breakdown * **FVS:** Fast Velocity/Recovery Series. * **2G:** Often denotes the 2.0kV (2000V) rating. * **R:** Usually indicates "RoHS Compliant" or a specific "Reverse" recovery characteristic.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the FVS-2G-R?
    • ⤷ How does glass passivation improve the lifespan of high-voltage diodes?
    • ⤷ What is the maximum surge current this diode can handle?