データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVS-35-R

  • AI
    The **FVS-35-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Fast Recovery Rectifier Diode**. These parts are essential in power management circuits where high-speed switching is required to maintain efficiency and protect other components. --- ## Technical Specifications The following table outlines the typical electrical characteristics for the FVS-35-R series: | Parameter | Value (Typical) | Unit | | :--- | :--- | :--- | | **Component Type** | Fast Recovery Rectifier | - | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 600 - 1000 | Volts | | **Average Forward Current ($I_{F(AV)}$)** | 1.0 - 3.0 | Amps | | **Reverse Recovery Time ($t_{rr}$)** | 150 - 500 | Nanoseconds | | **Operating Junction Temperature ($T_j$)** | -55 to +150 | °C | | **Package Type** | SOD-123FL / SMA (DO-214AC) | - | --- ## Core Electronic Functions ### 1. Fast Recovery Speed Unlike standard diodes, the "Fast Recovery" nature of the FVS-35-R allows it to switch from a conducting state to a blocking state very rapidly. This reduces switching losses and prevents high-frequency noise in the circuit. ### 2. Rectification Its primary job is to allow current to flow in only one direction. In an AC-to-DC conversion scenario, it "rectifies" the waveform by blocking the negative phase of the input signal. ### 3. Voltage Protection The high $V_{RRM}$ rating allows the part to withstand significant voltage spikes in the reverse direction without breaking down, making it ideal for inductive load applications. --- ## Common Applications The FVS-35-R is frequently found in the following electronic environments: * **Switching Mode Power Supplies (SMPS):** Used in the output stage to rectify high-frequency square waves. * **DC-DC Converters:** Acts as a freewheeling diode to provide a path for inductor current when the main switch is off. * **Inverters:** Essential for converting DC back to AC in solar or UPS systems. * **LED Drivers:** Provides stable rectification for sensitive lighting electronics. --- ## Internal Structure (Simplified) ```cpp // Representing the Diode Logic in Pseudo-code if (Anode_Voltage > Cathode_Voltage + Forward_Drop) { Current_Flow = TRUE; // Forward Bias } else { Current_Flow = FALSE; // Reverse Bias (Blocking) } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard rectifier and a fast recovery rectifier like the FVS-35-R?
    • ⤷ How do I determine the polarity of an FVS-35-R using the package markings?
    • ⤷ What are the thermal considerations when soldering this SMD component?