データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVS-45-R

  • AI
    The **FVS-45-R** is an electronic component primarily classified as a **High-Voltage Silicon Rectifier Diode**. These components are specifically engineered to handle high reverse voltages while maintaining a compact physical footprint, commonly used in power supplies for CRT displays, X-ray equipment, and laser systems. --- ### 1. Key Technical Specifications The electrical characteristics define how the FVS-45-R operates within a circuit: | Parameter | Specification | Description | |:---|:---|:---| | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 4.5 kV (4500V) | Maximum voltage the diode can withstand in the reverse direction. | | **Average Forward Current ($I_{F(AV)}$)** | ~500 mA - 1A | The maximum average current allowed to flow through the diode. | | **Reverse Recovery Time ($t_{rr}$)** | Fast Recovery | Optimized for high-frequency switching applications. | | **Mounting Type** | Through-Hole | Usually features axial leads for PCB mounting. | --- ### 2. Internal Electronic Composition The "electronic parts" of this device refer to its internal semiconductor structure: * **Silicon Junction:** It utilizes a P-N junction made of high-purity silicon. To achieve the 4.5kV rating, multiple silicon junctions are often stacked internally in series. * **Encapsulation:** The internal die is encased in a high-dielectric epoxy resin. This prevents "arcing" (electrical sparks jumping across the surface) which is a common risk at 4500V. * **Passivation:** The silicon surface is passivated (usually with glass or a specialized chemical layer) to ensure stability against moisture and thermal stress. --- ### 3. Common Circuit Applications The FVS-45-R is typically found in the following electronic environments: 1. **Voltage Multipliers:** Used in "Cockcroft-Walton" generator circuits to step up AC voltage to very high DC levels. 2. **Focusing Circuits:** In older CRT monitors and televisions to manage the high voltage required for the electron gun. 3. **Air Purifiers/Ionizers:** Providing the high DC potential needed to ionize air particles. 4. **Industrial Lasers:** Powering the discharge tubes of CO2 or HeNe lasers. --- ### 4. Handling and Safety Precautions Because this part manages high voltage, specific design rules apply: * **Creepage Distance:** When soldering to a PCB, ensure there is enough distance between traces to prevent high-voltage leakage. * **Polarity:** Like all diodes, it is polar. The cathode is usually marked with a stripe; connecting it backwards in a high-voltage circuit can lead to catastrophic component failure.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the FVS-45-R?
    • ⤷ How do I test a high-voltage diode using a standard multimeter?
    • ⤷ What is the typical forward voltage drop for this specific series?