データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVS-4A-R

  • AI
    The **FVS-4A-R** is a high-precision, fiber-optic vibration sensor (specifically a Fiber Optic Accelerometer) often used in industrial environments where electromagnetic interference (EMI) makes traditional electronic sensors unreliable. Below is an explanation of its electronic and functional components. --- ## 1. Core Technical Specifications The "electronic" performance of the sensor is characterized by its sensitivity and physical response to mechanical motion. | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Fiber Optic Accelerometer | | **Sensing Principle** | Fabry-Perot Interferometry (FPI) | | **Frequency Range** | 0.5 Hz to 400 Hz (Typical) | | **Dynamic Range** | Up to 100g (varies by sub-model) | | **Sensitivity** | High (measured in nm/g or wavelength shift) | | **Connection Type** | Fiber Optic Connector (usually SC or FC/APC) | --- ## 2. Key Internal Electronic/Optical Parts Unlike a standard piezo-electric sensor, the FVS-4A-R does not contain integrated circuits (ICs) inside the sensor head itself. Instead, it uses optical components that interface with an external signal conditioner. ### A. Fabry-Perot Cavity The "heart" of the sensor. It consists of two mirrors separated by an air gap. One mirror is fixed, and the other is mounted on a flexible diaphragm (the seismic mass). * **Function:** Vibration causes the diaphragm to move, changing the distance between the mirrors. ### B. Optical Fiber Lead Usually a single-mode fiber protected by a ruggedized jacket (e.g., PTFE or stainless steel). * **Function:** It carries the light signal from the interrogator to the sensor and reflects the modulated signal back. ### C. Internal Mass & Spring System Though mechanical, this defines the "electronic" output frequency response. * **Function:** It converts mechanical acceleration into physical displacement of the optical cavity. --- ## 3. The Signal Conditioning Interface The FVS-4A-R cannot function without an **Optical Signal Conditioner (Interrogator)**. This unit contains the actual active electronics: 1. **Light Source:** Usually a Superluminescent Diode (SLED) or a tunable laser. 2. **Optical Coupler:** Directs the outgoing light and separates the incoming reflected signal. 3. **Photodetector:** Converts the reflected light patterns (interference fringes) into an electrical voltage. 4. **Signal Processor (DSP):** Converts the optical shift into a standard $4$-$20\text{mA}$ or $0$-$10\text{V}$ output for PLCs or SCADA systems. --- ## 4. Advantages of this Electronic Architecture Because the sensor head contains no copper wiring or semiconductor components, it offers several unique electronic benefits: * **EMI/RFI Immunity:** It can be placed directly next to high-voltage transformers or motors without signal noise. * **Intrinsic Safety:** There is no risk of sparks, making it suitable for Class 1, Div 1 explosive environments. * **Galvanic Isolation:** The sensor head is naturally electrically isolated from the monitoring equipment. * **High Temperature Tolerance:** Since there are no transistors inside, it can operate in temperatures where standard electronics would melt or fail. ---
    ✨ Follow-up Questions
    • ⤷ What specific signal conditioner is recommended for the FVS-4A-R?
    • ⤷ How does the Fabry-Perot principle compare to Fiber Bragg Grating (FBG) sensors?
    • ⤷ What are the common industrial applications for this specific sensor?