データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVS-CE-R

  • AI
    The **FVS-CE-R** (often associated with high-precision optical alignment or vision systems, specifically related to Fanuc or similar automation sensors) refers to a specific vision sensor/camera assembly. Below is a breakdown of the electronic components and technical specifications typically found in this type of module. --- ### 1. Core Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **CMOS/CCD Sensor** | High-resolution image sensor | Captures light and converts it into electrical signals (image data). | | **FPGA/DSP Chip** | Internal Processing Unit | Handles real-time image pre-processing, filtering, and compression. | | **A/D Converter** | Analog-to-Digital Converter | Converts the raw analog voltage from pixels into digital values. | | **LED Driver Circuit** | Illumination Control | Regulates power to integrated or external ring lights for consistent exposure. | | **I/O Interface** | Input/Output Controller | Manages trigger signals (TTL) and communication with the PLC/Robot Controller. | ### 2. Physical & Electronic Interfaces The FVS-CE-R typically utilizes standard industrial connectors to ensure noise immunity in factory environments: * **Power Supply:** Usually operates on **24V DC**, standard for industrial automation. * **Data Connection:** High-speed communication (often via Ethernet or proprietary high-speed serial links) to transmit image data to the main CPU. * **Trigger Input:** A dedicated pin to initiate an image capture with microsecond latency. ### 3. Key Technical Features 1. **Electronic Shutter:** Uses a global shutter mechanism to prevent "rolling" distortion when capturing images of moving parts on a conveyor. 2. **Heat Dissipation:** The outer casing acts as a passive heatsink for the internal processing chips to prevent thermal noise on the sensor. 3. **Signal Conditioning:** Includes built-in optoisolators to protect internal circuitry from electrical surges in the industrial power grid. --- ### 4. Integration Example (Pseudo-Code Connection) When interfacing with the electronic output of such a sensor via a controller, the logic flow typically looks like this: ```python # Conceptual logic for a Vision System Trigger def capture_image(sensor_id): if trigger_signal == HIGH: # Initialize internal electronic shutter sensor.activate_shutter(exposure_time=200) # microseconds # Transfer digital data via I/O raw_data = sensor.read_buffer() return raw_data ```
    ✨ Follow-up Questions
    • ⤷What is the specific pinout for the FVS-CE-R 24V power connector?
    • ⤷ How does the FVS-CE-R handle electronic noise in high-voltage environments?
    • ⤷ Which robot controllers are natively compatible with this vision sensor?