データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVS-D0-R

  • AI
    The **FVS-D0-R** is an electronic module typically associated with high-precision sensing and feedback systems, often found in industrial automation or security applications (such as optical sensors or fiber-optic amplifiers). Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. Technical Specifications The FVS-D0-R functions primarily as a digital/analog signal processor or amplifier for sensor inputs. | Parameter | Description | | :--- | :--- | | **Component Type** | Fiber-optic Sensor Head / Amplifier Module | | **Output Type** | Relay or Digital (R usually denotes Relay/Receiver) | | **Supply Voltage** | Typically 12V - 24V DC | | **Response Time** | High-speed processing (often < 1ms) | | **Connection Method** | Terminal block or Pre-wired cable | --- ### 2. Core Electronic Parts The internal architecture of the FVS-D0-R consists of several critical electronic stages: #### A. Optoelectronic Interface * **Photodiode/Receiver:** Converts incoming light signals from a fiber-optic cable into a low-level electrical current. * **Filtering Circuitry:** Uses capacitors and inductors to remove ambient light noise and electromagnetic interference (EMI). #### B. Signal Processing (The "Brain") * **Comparator/Op-Amp:** Amplifies the weak signal from the receiver. It compares the input voltage against a user-defined threshold (set via a potentiometer or digital buttons). * **Microcontroller (MCU):** Handles the logic operations, timing delays, and status LED indications. #### C. Output Stage * **Switching Component:** Depending on the specific sub-model, this contains a **transistor (NPN/PNP)** or a **miniature relay**. * **Protection Diodes:** Includes flyback diodes to protect the internal circuitry from voltage spikes when switching inductive loads. --- ### 3. Connection Diagram Overview Most modules in this series follow a standard industrial wiring convention: ```mermaid graph LR VCC[Brown: +VCC] --- Circuit[FVS-D0-R Logic] GND[Blue: 0V/GND] --- Circuit Out[Black: Output] --- Load((Load)) Load --- VCC ``` ### 4. Key Functional Features 1. **Sensitivity Adjustment:** Contains a variable resistor (potentiometer) to tune the detection range. 2. **Status Indicators:** Features Red/Green LEDs to indicate "Power" and "Output Triggered" status. 3. **Light-ON / Dark-ON Selection:** A toggle switch that determines if the output activates when light is received or when it is blocked.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency of the FVS-D0-R?
    • ⤷ How do I wire this sensor to a PLC with a PNP input?
    • ⤷ What are the common troubleshooting steps for a 'No Output' condition?