データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVS-DC-R

  • AI
    The **FVS-DC-R** (often associated with specialized fire protection and detection systems, specifically **Flame Vented Systems** or **Flow Velocity Sensors** in industrial DC environments) relies on specific electronic architecture to monitor airflow and signal integrity. Below is an explanation of the primary electronic components and their functions. --- ## 1. Core Electronic Components The electronics of the FVS-DC-R are designed for high reliability and low power consumption, typically operating within a 24V DC infrastructure. | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Logic Processing | Handles signal analysis from the sensors and manages communication protocols. | | **Flow Sensor Element** | Detection | Often a thermal anemometer or differential pressure transducer to measure air movement. | | **Voltage Regulator** | Power Management | Converts unstable DC input (18V-30V) into steady 5V or 3.3V for internal logic. | | **Relay/Solid State Switch** | Output | Provides a dry contact (Normally Open/Normally Closed) for alarm triggering. | | **Diagnostic LEDs** | Status Indication | Visual indicators for Power (Green), Fault (Yellow), and Alarm (Red). | --- ## 2. Circuitry and Operation The electronic assembly is divided into three functional stages: ### A. Sensing Stage The input stage uses a **Bridge Circuit** (like a Wheatstone bridge) to detect minute changes in resistance or voltage caused by air pressure or temperature shifts. In the "R" (Remote/Relay) configuration, this circuit is optimized for sensitivity to detect flow failure. ### B. Signal Conditioning Because raw sensor data is often "noisy" or very low voltage, the electronics include: * **Operational Amplifiers (Op-Amps):** To boost the signal. * **Low-Pass Filters:** To prevent false alarms caused by momentary turbulence or vibrations. ### C. Output Interface The "R" in the model name usually signifies a **Relay Output**. The electronics include a transistor-driven relay that allows the device to interface with: * Fire Alarm Control Panels (FACP) * Building Management Systems (BMS) * Industrial PLCs --- ## 3. Electrical Specifications Typical electrical parameters for these modules are as follows: ```yaml Power_Requirements: Voltage: 24V DC (nominal) Current_Draw: 30mA (standby), 60mA (alarm) Output_Ratings: Relay_Type: Form C (SPDT) Contact_Rating: 1.0A @ 30V DC / 0.5A @ 125V AC Terminations: Wiring: Screw terminals (14-22 AWG) ``` --- ## 4. Protection Features To ensure durability in industrial environments, the PCB (Printed Circuit Board) typically includes: 1. **Reverse Polarity Protection:** Diodes that prevent damage if the DC +/- wires are swapped. 2. **Transient Voltage Suppression (TVS):** Protects against power surges on the DC line. 3. **Conformal Coating:** A thin chemical coating to protect electronics from moisture and dust.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the FVS-DC-R relay connections?
    • ⤷ How do you calibrate the sensitivity of the flow sensor electronics?
    • ⤷ What are the common failure modes for the DC voltage regulator in this unit?