データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVS-F2-R

  • AI
    ## FVS-F2-R Electronic Parts Overview The **FVS-F2-R** refers to a high-speed, digital fiber optic sensor communication unit (typically part of the KEYENCE FVS series). These units are designed to transmit high-speed data or trigger signals via fiber optic cables to ensure immunity from electrical noise. ### Key Electronic Components and Specifications Below is a breakdown of the primary electronic aspects of the FVS-F2-R: | Component Category | Description | Specifications/Details | | :--- | :--- | :--- | | **Output Type** | Control Output | Open collector (NPN or PNP depending on the specific sub-model wiring). | | **Power Supply** | DC Voltage Input | Usually operates on 12 to 24 VDC ±10%. | | **Transmission Speed** | Digital Processing | Designed for high-speed response (typically in the microsecond range). | | **Light Source** | LED Transmitter | Red LED or Infrared LED used for fiber optic signal transmission. | | **Circuit Protection** | Safety Features | Reverse polarity protection, overcurrent protection, and surge absorbers. | --- ### Internal Electronic Architecture 1. **Photo-Electric Converter**: The core of the unit contains a photodiode or phototransistor that converts incoming optical pulses from the fiber cable back into electrical signals. 2. **Signal Conditioning Circuit**: Includes an operational amplifier (Op-Amp) to boost weak signals and a comparator to determine high/low (1/0) logic states. 3. **Timing & Logic Controller**: An integrated circuit (IC) that manages the synchronization between the transmitter (T) and receiver (R) units to ensure data integrity. 4. **Output Transistor**: A power MOSFET or Bipolar Junction Transistor (BJT) that switches the external load based on the received optical signal. ### Wiring and Interface The electronic interface usually consists of a 3-wire or 4-wire configuration: * **Brown**: Positive Power Supply (+V). * **Blue**: Negative Power Supply (0V/GND). * **Black/White**: Control Output (Signal). --- ### Technical Usage Notes * **Noise Immunity**: Because the transmission medium is light (fiber), the electronic parts are shielded from Electromagnetic Interference (EMI) often found in industrial motor environments. * **Connection Type**: This specific model suffix "-R" often denotes a **Receiver** unit or a specific **Connector** type (like an M8 or M12 circular connector) rather than loose leads.
    ✨ Follow-up Questions
    • ⤷ What is the difference in wiring between the NPN and PNP versions of this sensor?
    • ⤷ What is the maximum response time for the FVS-F2-R?
    • ⤷ Can this unit be used with multi-core fiber optic cables?