データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVS-FE-R

  • AI
    The **FVS-FE-R** refers to a specific series of **Flame Detectors** (often associated with the Azbil/Yamatake brand) designed for industrial combustion monitoring. These devices are "Flame Voltage Sensors" that convert the ultraviolet or infrared radiation from a flame into a measurable electrical signal. Below is an explanation of the electronic components and technical specifications for these units. --- ## 1. Core Electronic Components A typical FVS-FE-R unit consists of three primary electronic stages: | Component | Function | | :--- | :--- | | **Sensing Head (UV/IR Tube)** | The "eye" of the sensor. It detects specific wavelengths of light. Most R-series units use a **UV discharge tube** that becomes conductive when exposed to ultraviolet radiation. | | **Signal Amplifier** | A high-gain circuit that takes the micro-ampere pulses from the sensing tube and stabilizes them into a consistent voltage or current. | | **Pulse Converter** | Converts the frequency of the "flame strikes" into a DC voltage signal (Flame Voltage) used by the burner controller. | | **Filtering Circuitry** | Electronic filters designed to ignore "background noise" such as sunlight or glowing refractory brick, focusing only on the flicker of an active flame. | --- ## 2. Technical Specifications These parts are built to withstand high-temperature industrial environments. ### Electrical Characteristics * **Operating Voltage:** Typically 24V DC (though this can vary based on the specific controller model). * **Output Signal:** Analog DC voltage (often 0-5V DC or 0-10V DC) representing flame intensity. * **Sensitivity:** Often adjustable via a potentiometer or internal DIP switches to calibrate for different fuel types (Gas vs. Oil). ### Environmental Constraints * **Ambient Temperature:** Usually rated for -20°C to +70°C. * **Housing:** Typically IP65 or IP66 rated (dust-tight and water-resistant) to protect the internal electronics from soot and moisture. --- ## 3. Maintenance of Electronic Parts To ensure the electronic components function correctly, the following must be maintained: 1. **The Quartz Window:** Not an electronic part, but if dirty, the electronics receive no signal. 2. **Wiring Insulation:** High-heat environments can degrade the wire jackets, leading to short circuits in the signal line. 3. **Tube Aging:** UV tubes have a finite lifespan (e.g., 10,000 hours). As the gas inside the tube depletes, the electronic output will drop even if the flame is strong. --- ## 4. Troubleshooting Electronic Failures | Symptom | Likely Electronic Cause | | :--- | :--- | | **Zero Voltage Output** | Blown internal fuse, failed UV tube, or loss of supply power. | | **Fluctuating Signal** | Loose wiring terminal or interference from nearby high-voltage ignition cables. | | **False Positive (Flame signal when no flame exists)** | Short circuit in the sensing tube or "runaway" in the amplifier circuit. |
    ✨ Follow-up Questions
    • ⤷ What are the wiring pinouts for the FVS-FE-R connector?
    • ⤷ How do I test the UV tube inside the sensor using a multimeter?
    • ⤷ Which burner controllers are compatible with the FVS-FE-R series?