データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FVS-HC-R

  • AI
    The **FVS-HC-R** series refers to specific high-performance electronic components, typically associated with **current sensors** (Fluxgate type) or **industrial filter systems** depending on the specific manufacturer (most commonly associated with high-precision current sensing technology). Below is a breakdown of the electronic architecture and technical specifications generally found in these units. --- ### 1. Core Electronic Components The FVS-HC-R series utilizes a closed-loop system to ensure high accuracy. The internal circuitry consists of the following key elements: | Component | Function | | :--- | :--- | | **Magnetic Core** | A high-permeability ring that concentrates the magnetic field generated by the primary current. | | **Fluxgate Detector** | Replaces traditional Hall Effect sensors to provide ultra-low offset and higher thermal stability. | | **Compensation Coil** | A secondary winding that creates an opposing magnetic field to maintain "zero flux" in the core. | | **Internal Amplifier** | An operational amplifier circuit that drives the compensation current based on the fluxgate feedback. | | **Burden Resistor** | (Optional/Internal) Converts the compensation current into a measurable output voltage. | --- ### 2. Technical Specifications These parts are designed for high-power electronics where precision is critical. * **Measurement Type:** DC, AC, and Pulsed current. * **Accuracy:** Typically < 0.1% linearity. * **Frequency Bandwidth:** DC to 100+ kHz. * **Isolation:** High Galvanic isolation between the primary power circuit and the secondary monitoring circuit. --- ### 3. Connection Pinout Diagram Most R-series current sensors follow a standard industrial footprint: ```markdown Pin 1: +Vcc (Positive Supply, e.g., +15V) Pin 2: -Vcc (Negative Supply, e.g., -15V) Pin 3: V-out (Signal Output) Pin 4: GND (Common Ground) ``` --- ### 4. Typical Applications The "HC" (High Current) designation indicates that these electronic parts are suited for: 1. **Variable Frequency Drives (VFDs):** Monitoring motor current for precise speed control. 2. **Solar Inverters:** Tracking DC-to-AC conversion efficiency. 3. **Battery Management Systems (BMS):** Measuring high-amperage charge/discharge cycles in EVs. 4. **UPS Systems:** Ensuring clean power delivery during switching. --- ### 5. Key Advantages of Fluxgate Technology (FVS Series) Unlike standard Hall sensors, the electronic design of the FVS-HC-R offers: * **Zero Drift:** Minimal output shift over a wide temperature range. * **High Sensitivity:** Ability to detect small changes in very large current flows. * **Noise Immunity:** Excellent resistance to electromagnetic interference (EMI). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the FVS-HC-R sensor?
    • ⤷ How does Fluxgate technology compare to Hall Effect sensors in terms of accuracy?
    • ⤷ What is the maximum current range supported by the FVS-HC-R series?