データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FWA-1010VC-RMT

  • AI
    The **FWA-1010VC-RMT** is a network appliance typically manufactured by Advantech, designed primarily as a Universal Customer Premises Equipment (uCPE) or an SD-WAN edge gateway. It is built to bridge the gap between enterprise networking and cloud computing. Below is a detailed breakdown of its core electronic components and architecture. --- ### 1. Core Processing Unit (CPU) The "heart" of the system is designed for high-throughput packet processing and virtualization. | Component | Specification Details | | :--- | :--- | | **Processor Family** | Intel Atom® Processor C3000 Series (Denverton). | | **Core Count** | Typically ranges from 2 to 8 cores depending on the specific SKU. | | **Instruction Sets** | Supports **Intel® QAT** (QuickAssist Technology) for hardware-accelerated encryption and compression, and **Intel® VT-x** for virtualization. | ### 2. Memory and Storage Architecture The device uses server-grade memory to ensure stability for 24/7 networking operations. * **RAM:** Supports DDR4 2133/2400 MHz ECC (Error-Correcting Code) or non-ECC UDIMM. Usually features 2x SO-DIMM slots. * **Storage Options:** * **eMMC:** Onboard flash (e.g., 8GB or 16GB) for bootloader/OS. * **M.2 Slot:** Supports SATA or NVMe SSDs for high-speed application storage. * **SATA:** Often includes a 2.5" drive bay for high-capacity HDD/SSD. ### 3. Networking & Connectivity (I/O) The electronic layout is optimized for low latency and high port density. | Port Type | Quantity/Description | | :--- | :--- | | **Copper LAN** | 6x 10/100/1000 Mbps RJ45 ports (Intel i211/i350 controllers). | | **Fiber/SFP** | 2x SFP (1GbE) or SFP+ (10GbE) ports for high-speed uplinks. | | **Management** | 1x RJ45 Console port for CLI access. | | **USB** | 2x USB 3.0 ports for external peripherals or recovery. | ### 4. Expansion and Wireless Support To act as a versatile edge gateway, the PCB includes several internal expansion headers: * **Mini-PCIe/M.2 Slots:** Used for integrating Wi-Fi modules (802.11ac/ax) or LTE/5G cellular modems. * **SIM Card Slots:** Integrated slots to support dual-SIM failover for wireless WAN. ### 5. Power and Thermal Management * **Power Input:** Usually a 12V DC input via a lockable barrel jack or a 2-pin terminal block. * **Thermal Design:** Fanless cooling system (passive heat sinks) which reduces mechanical failure points and allows for silent operation in office environments. --- ### Key Electronic Features for SD-WAN 1. **Hardware Bypass:** Some configurations include a "LAN Bypass" segment. If the power fails, the hardware physically connects two ports together to maintain a wired link. 2. **TPM 2.0:** An integrated Trusted Platform Module ensures secure boot and hardware-based encryption key storage.
    ✨ Follow-up Questions
    • ⤷ What is the significance of Intel QAT in the FWA-1010VC for SD-WAN applications?
    • ⤷ Does this model support 5G module upgrades through its internal slots?
    • ⤷ How does the LAN Bypass feature physically operate during a power loss?