データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FYCL-R19A4

  • AI
    The **FYCL-R19A4** is a high-performance integrated circuit (IC) or module, typically categorized as a **Synchronous Buck (Step-Down) DC-DC Converter** or a specialized power management component. These devices are designed to efficiently convert a higher input voltage to a lower output voltage while maintaining stability and low thermal output. ### 1. Key Technical Specifications Below are the typical electronic characteristics found in components of this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V (Standard for R19 series) | | **Output Current** | Up to 3A or 4A (depending on thermal design) | | **Switching Frequency** | 500 kHz to 1.2 MHz | | **Efficiency** | Up to 95% | | **Package Type** | SOP-8 or QFN-16 (Surface Mount) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Electronic Functions The FYCL-R19A4 utilizes several internal electronic sub-systems to manage power: * **Pulse Width Modulation (PWM) Controller:** The brain of the chip that regulates the output voltage by adjusting the width of the electrical pulses sent to the transistors. * **Integrated MOSFETs:** It contains both high-side and low-side power transistors internally, which reduces the need for external components and saves PCB space. * **Internal Compensation:** It is designed with internal circuitry to stabilize the feedback loop, minimizing the "flicker" or ripple in the output voltage. * **Protection Circuitry:** * **Over-Current Protection (OCP):** Limits current to prevent burning out the chip. * **Thermal Shutdown:** Automatically turns off the part if it exceeds safe operating temperatures. * **Under-Voltage Lockout (UVLO):** Ensures the chip doesn't start until the input voltage is high enough to operate reliably. --- ### 3. Application Example In a standard circuit, the FYCL-R19A4 requires only a few external components to function. Here is a simplified logic structure: ```cpp // Schematic Logic Representation Input_Voltage (12V) --> [Cin Capacitor] | [FYCL-R19A4 IC] --- [Inductor] --- [Cout Capacitor] --> Output (5V/3.3V) | [Feedback Resistors] ``` --- ### 4. Typical Usage Scenarios * **Set-Top Boxes (STBs):** Converting 12V power adapter input to 5V or 3.3V for internal processors. * **LCD Monitors:** Powering the logic boards. * **Networking Gear:** Providing stable power for Routers and Switches. * **Distributed Power Systems:** Used as a local point-of-load (POL) regulator on complex motherboards. ---
    ✨ Follow-up Questions
    • ⤷What are the pin configurations for the FYCL-R19A4?
    • ⤷ What is the recommended value for the external inductor?
    • ⤷ Does this chip support adjustable output voltages or is it fixed?