データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • G-43-R2

  • AI
    The **G-43-R2** is a specific technical designation used primarily in the field of **HVAC controls** (specifically Carrier/Bryant/Payne systems) or as a part number for certain **automotive/industrial relays**. Based on the most common application in electronic components, it refers to a **General Purpose Relay** or a specific **Control Board Revision**. Below is the breakdown of the electronic parts and specifications typically associated with this model. --- ### 1. Component Specifications The G-43-R2 is often an electromechanical relay used to switch high-power circuits using a low-power signal. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Relay / Control Module | | **Contact Arrangement** | SPDT (Single Pole Double Throw) or SPST | | **Coil Voltage** | 24V AC/DC (Standard for HVAC) | | **Contact Rating** | 10A - 15A at 120V/240V AC | | **Mounting Type** | PCB Mount or Snap-in Bracket | | **Termination** | Quick-connect terminals (1/4") or Solder Pins | --- ### 2. Internal Electronic Structure The device consists of several key electronic sub-parts that allow it to function: 1. **The Coil (Inductor):** A copper wire winding that creates a magnetic field when energized by the control voltage (usually 24V). 2. **The Armature:** A moving lever that responds to the magnetic field. 3. **Spring Mechanism:** Ensures the contacts return to their default state (Normally Closed or Open) when power is removed. 4. **Contacts:** Usually made of silver alloy (Silver Cadmium Oxide) to prevent "pitting" or welding under high electrical arcs. 5. **Snubber Circuit (Optional):** Some R2 revisions include a resistor-capacitor (RC) network to suppress voltage spikes when the coil is de-energized. --- ### 3. Application in HVAC Systems In the context of Carrier/Bryant furnaces or AC units, the G-43-R2 logic handles the following electronic tasks: * **Blower Motor Control:** Engaging the high-voltage fan motor based on the thermostat signal. * **Isolation:** Protecting the sensitive microprocessor of the main control board from the high-voltage/high-current draw of the compressor or fan. * **Sequential Logic:** Ensuring that the gas valve or compressor does not trigger until the induction fan has reached a specific state. --- ### 4. Identification and Troubleshooting If you are inspecting a G-43-R2 board or relay, look for these common electronic failure points: * **Burnt Contacts:** Visible blackening inside the clear casing (if applicable). * **Coil Continuity:** Use a multimeter to check for resistance across the coil pins. An "Open" reading (OL) indicates a blown coil. * **Clicking Sound:** A healthy relay should make an audible "click" when 24V is applied. If it hums but doesn't click, the mechanical linkage is likely stuck.
    ✨ Follow-up Questions
    • ⤷ How do I test a G-43-R2 relay using a multimeter?
    • ⤷ What are the primary differences between the R1 and R2 revisions of this part?
    • ⤷ Can this component be replaced with a universal 24V switching relay?