データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • G03CC

  • AI
    The **G03CC** is a specific surface-mount electronic component, typically identified as a **Zener Diode** or a **Voltage Regulator/Reference** depending on the specific manufacturer's marking code. In most common electronic databases, "G03" is the SMD marking code for a **BZX84-C3V0** (or similar) Zener Diode in an SOT-23 package. --- ### 1. Technical Specifications Below are the typical parameters for a component marked G03CC (based on the BZX84-C3V0 series): | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | Zener Diode | | **Package Type** | SOT-23 (Surface Mount) | | **Zener Voltage ($V_z$)** | 3.0 V | | **Tolerance** | ±5% (C-series) | | **Power Dissipation ($P_d$)** | 250 mW to 350 mW | | **Operating Temperature** | -65°C to +150°C | --- ### 2. Physical Layout and Pinout The G03CC usually comes in a small 3-lead plastic package. Although there are three pins, in a standard Zener configuration, only two are internally functional, or they are configured as a single diode. ```mermaid graph TD A[Pin 1: Anode] B[Pin 2: NC / No Connection] C[Pin 3: Cathode] ``` --- ### 3. Key Applications Because the G03CC (3.0V Zener) provides a stable reference voltage once it reaches its breakdown point, it is used in the following scenarios: 1. **Voltage Regulation:** Providing a steady 3.0V output for low-power circuits. 2. **Overvoltage Protection:** Acting as a "clamp" to prevent sensitive IC pins from exceeding 3.0V. 3. **Signal Clipping:** Reshaping waveforms in analog processing. 4. **Voltage Referencing:** Used in Analog-to-Digital Converters (ADC) to establish a baseline. --- ### 4. Circuit Symbol and Behavior In a schematic, the device is represented by a standard Zener symbol. It allows current to flow from Anode to Cathode like a normal diode, but more importantly, it allows current to flow in **reverse** (Cathode to Anode) once the voltage exceeds **3.0V**. ```text (Cathode) | --+-- / \ (Zener Junction) +---+ | (Anode) ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between the BZX84-C3V0 and the BZX84-B3V0?
    • ⤷ How do I test a G03CC diode using a multimeter?
    • ⤷ Can I substitute a G03CC with a standard 3V leaded Zener diode?