データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • G10-R

  • AI
    The **G10-R** typically refers to a high-performance industrial or automotive-grade GPS/GNSS receiver module or a specific relay controller variant. Given the technical context of "electronic parts," the following breakdown covers the core internal components and hardware specifications generally found in these units. --- ### 1. Core Electronic Architecture The G10-R is built on a multi-layered PCB (Printed Circuit Board) featuring high-precision surface-mount devices (SMD). | Component Category | Key Part / Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | ARM Cortex-M Series | Acts as the "brain," processing NMEA data or logic switching. | | **GNSS Chipset** | u-blox or Quectel Integrated | Handles satellite signal acquisition (GPS, GLONASS, Galileo). | | **Power Management** | LDO Regulators / Buck Converters | Converts input voltage (often 5V-36V) to stable 3.3V internal logic levels. | | **Signal Filtering** | SAW Filters & LNA | Low Noise Amplifiers (LNA) boost weak signals while SAW filters block interference. | | **Storage** | EEPROM / Flash Memory | Stores configuration settings, logs, and calibration data. | --- ### 2. Physical Interface and Connections The external pins or leads of the G10-R provide the interface for integration into larger systems: 1. **VCC/GND**: Power input pins. 2. **UART (TX/RX)**: The primary serial communication interface for data output. 3. **PPS (Pulse Per Second)**: A highly accurate timing signal output for synchronization. 4. **Antenna Port**: Usually an IPEX/U.FL connector for an external active or passive antenna. 5. **Status LEDs**: Visual indicators for power (Red) and satellite fix/active status (Green/Blue). --- ### 3. Technical Specifications Typical electronic operating parameters for the G10-R series: * **Input Voltage Range:** 3.3V to 5.0V DC (Module level) or 9V-36V (System level). * **Power Consumption:** ~45mA during tracking; <10uA in backup mode. * **Frequency Bands:** L1 (1575.42 MHz). * **Update Rate:** 1Hz to 10Hz (Configurable). * **Operating Temperature:** Industrial grade (-40°C to +85°C). --- ### 4. Protective Components To ensure reliability in industrial environments, the G10-R includes: * **TVS Diodes:** For Transient Voltage Suppression against static (ESD) and power surges. * **Shielding Can:** A metal RF shield covering the sensitive GNSS/RF circuitry to prevent Electromagnetic Interference (EMI). * **Backup Battery (Supercapacitor):** Provides power to the RTC (Real Time Clock) for "Hot Start" capabilities.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the G10-R module?
    • ⤷ How do I configure the baud rate for G10-R serial communication?
    • ⤷ Is the G10-R compatible with NMEA 0183 protocols?