データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • G3T12AH-R

  • AI
    The **G3T12AH-R** is a high-quality subminiature process-sealed toggle switch manufactured by **NKK Switches**. It is widely used in PCB (Printed Circuit Board) applications where space is limited and reliability is critical. --- ### 1. Technical Specifications The following table summarizes the key electrical and mechanical characteristics of the G3T12AH-R: | Feature | Specification | | :--- | :--- | | **Circuit Type** | SPDT (Single Pole Double Throw) | | **Switch Function** | ON-ON | | **Current Rating** | 0.4VA Max @ 28V AC/DC Max (Logic Level) | | **Termination Style** | Right Angle PC Terminal (Through-Hole) | | **Actuator Style** | Toggle (Subminiature) | | **Contact Material** | Phosphor bronze with Gold plating | | **Mechanical Life** | 50,000 Operations minimum | | **Operating Temp** | -30°C to +85°C | --- ### 2. Key Design Features #### A. Logic Level Reliability The switch utilizes **gold-plated contacts**. Gold is essential for "logic level" applications (low voltage/low current) because it prevents oxidation and provides high contact reliability where power is insufficient to "burn off" surface contaminants. #### B. Process Sealed Construction The "R" in the suffix typically denotes its suitability for automated soldering processes. * **Ultrasonic Cleaning:** The switch is fully sealed, allowing it to withstand automated wave soldering and subsequent ultrasonic washing without flux or cleaning fluid entering the housing. * **Molded-in Terminals:** These prevent the entry of flux, solvents, and other contaminants. #### C. Physical Configuration * **Right Angle Mount:** This design allows the toggle to be actuated from the side of a PCB, which is ideal for front-panel access in rack-mounted or slim electronic enclosures. * **SMD/Through-Hole Hybrid:** While this specific part number is a through-hole right-angle type, the G3T series is known for its heat-resistant resin which handles high-temperature soldering. --- ### 3. Common Applications * **Handheld Instruments:** Due to its subminiature footprint. * **Telecommunications:** Signal switching in networking hardware. * **Medical Equipment:** Reliable user-interface controls. * **Industrial Controls:** Settings/Configuration switches on internal boards. --- ### 4. Comparison: G3T Series vs. Standard Toggles | Feature | G3T Series (Subminiature) | Standard Toggle (M Series) | | :--- | :--- | :--- | | **Size** | Extremely small (approx. 5-7mm body) | Medium to Large | | **Washable** | Yes (Fully Sealed) | Often No (unless specified) | | **Mounting** | PCB only | Panel or PCB |
    ✨ Follow-up Questions
    • ⤷ What is the difference between SPDT and DPDT in the G3T series?
    • ⤷ Can this switch be used for 120V AC power applications?
    • ⤷ What are the recommended soldering temperature profiles for NKK G3T switches?