データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • G3T12AP-R

  • AI
    ## Overview of G3T12AP-R The **G3T12AP-R** is a specific electronic component manufactured by **NKK Switches**. It belongs to the **G3T Series**, which are ultra-miniature, process-sealed toggle switches designed for Surface Mount Technology (SMT) applications. ### Technical Specifications The following table outlines the primary electrical and physical characteristics of the G3T12AP-R: | Feature | Specification | | :--- | :--- | | **Switch Type** | Toggle Switch | | **Circuit** | SPDT (Single Pole Double Throw) | | **Switch Function** | ON-ON | | **Current Rating** | 0.4VA Max @ 28V AC/DC Max (Logic Level) | | **Mounting Type** | Surface Mount (SMT) - Gull Wing | | **Actuator Style** | Standard Lever | | **Contact Material** | Phosphor Bronze with Gold Plating | | **Operating Temp** | -30°C to +85°C | --- ### Key Electronic & Mechanical Features #### 1. Logic Level Reliability This switch is designed for **logic level** applications (0.4VA maximum). It uses gold-plated contacts to prevent oxidation and ensure high reliability when switching low-voltage signals, which are common in logic-driven circuits. #### 2. Process Sealed Construction The "AP" in the part number often indicates the sealing properties. This switch is **fully sealed** to withstand automated soldering processes, including infrared (IR) convection reflow and vapor phase soldering. It is also washable, allowing for the removal of flux after assembly without damaging the internal contacts. #### 3. SMT Design (Gull Wing) The terminals are shaped in a "Gull Wing" configuration. This is specifically designed for surface mounting on a PCB (Printed Circuit Board), allowing for high-density component placement and automated pick-and-place assembly. #### 4. Heat Resistant Resin The housing is constructed from high-temperature resistant resin (typically Polyphenylene Sulfide), which prevents melting or deformation during high-heat soldering cycles. --- ### Application Use Cases * **Handheld Devices:** Due to its ultra-miniature size. * **Telecommunications:** For signal routing and mode selection. * **Medical Equipment:** Where reliability and sealing against contaminants are required. * **Test & Measurement:** Used as a configuration switch on internal PCBs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SPDT and DPDT in the G3T series?
    • ⤷ Can this switch handle power applications above 28V?
    • ⤷ What are the recommended soldering profiles for SMT toggle switches?