AI

The **G3T12AP-R** (often associated with the NKK Switches G3T series) is a high-quality, subminiature toggle switch designed for logic-level applications, specifically for surface mounting on printed circuit boards (PCBs).
Below is a detailed breakdown of its electronic and mechanical specifications.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Switch Function** | ON-ON (Single Pole Double Throw - SPDT) |
| **Contact Rating** | 0.4VA maximum @ 28V AC/DC maximum |
| **Mounting Type** | Surface Mount (SMD/SMT) - Gull Wing Leads |
| **Actuator Style** | Standard Toggle |
| **Terminal Type** | PC Pin (Gull-wing for SMT) |
| **Operating Temp** | -30°C to +85°C |
| **Mechanical Life** | 50,000 Cycles |
| **Electrical Life** | 50,000 Cycles |
---
## 2. Key Electronic Components & Features
### A. Logic Level Contacts
The device uses **gold-plated contacts**. Unlike power switches that rely on an "arc" to clean the contacts, logic-level switches operate at very low currents. Gold prevents oxidation, ensuring a reliable connection even at 0.4VA.
### B. Heat Resistant Materials
The housing is typically made of **Polyphenylene Sulfide (PPS)** or high-temperature Liquid Crystal Polymer (LCP). This allows the part to withstand infrared (IR) and vapor phase reflow soldering processes required for SMT assembly.
### C. Sealed Construction
The "R" in the suffix often denotes **Tape & Reel** packaging, but the series itself features an ultra-sealed body. This prevents flux, solvents, and other contaminants from entering the contact area during the automated soldering and washing process.
### D. Gull-Wing Terminals
The leads are shaped like "Gull Wings" to provide:
1. **Ease of Inspection:** Solder joints are visible from the side.
2. **Mechanical Stability:** The shape provides a slight "spring" effect, reducing stress on the solder joint during thermal expansion.
---
## 3. Typical Application Circuit
In a digital circuit, this switch is commonly used as a user-input toggle for configuration.
```c
// Example: Connecting G3T12AP to a Microcontroller
[VCC (2.8V - 5V)]
|
[10k Ohm Pull-up Resistor]
|
+----[ MCU Input Pin ]
|
[ G3T12AP Terminal 1 ]
[ G3T12AP Common (Pin 2) ] ----> [ Ground ]
```
---
## 4. Usage Considerations
* **Voltage Limitation:** Do not exceed 28V. This is not intended for switching mains power (110V/220V).
* **ESD Sensitivity:** While the switch is mechanical, the gold plating is thin; ensure clean handling to avoid contamination before soldering.
* **Cleaning:** The sealed design allows for automated ultrasonic cleaning after assembly.
- ⤷
What is the difference between the G3T12AP and the G3T22AP models?
- ⤷ How does the 0.4VA rating affect the choice of pull-up resistors?
- ⤷ Can this switch be hand-soldered
- ⤷ or is reflow mandatory?