データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • G3T18AP-R

  • AI
    ### Technical Analysis: G3T18AP-R The **G3T18AP-R** is a high-quality, subminiature toggle switch manufactured by **NKK Switches**. It is specifically designed for logic-level applications and is widely used in telecommunications, medical equipment, and industrial automation. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Circuit Configuration** | SPDT (Single Pole Double Throw) | | **Switch Function** | ON-OFF-(ON) / Momentary | | **Contact Rating** | 0.4VA max @ 28V AC/DC max | | **Mounting Type** | Through-hole, Right Angle | | **Termination Style** | PC Pin | | **Actuator Style** | Standard Lever (Plastic) | | **Operating Temperature** | -30°C to +85°C | --- ### 2. Physical & Material Composition 1. **Contacts & Terminals:** * The contacts are usually **gold-plated** over nickel/phosphor bronze. This is critical for "logic level" circuits because gold prevents oxidation, ensuring a reliable connection even at very low voltages and currents. 2. **Housing:** * Made from heat-resistant resin (Polybutylene Terephthalate - PBT or similar). It is designed to withstand wave soldering temperatures. 3. **Sealing:** * The "G3" series features a **totally sealed construction**. It utilizes an internal o-ring and ultrasonic welding to prevent flux, solvents, and other contaminants from entering the contact area during the cleaning process. --- ### 3. Electronic Functionality * **Logic Level Only:** This switch is not designed for power applications (like turning on a motor). It is meant to send signals to microprocessors or logic gates. * **Momentary Action:** The `(ON)` in the specification indicates that one position is momentary. The switch will spring back to the center or the stable "OFF" position when released. * **Right Angle Orientation:** The "AP-R" suffix indicates a right-angle PC mount. This allows the toggle to be accessible from the side of a PCB, which is ideal for mounting on the edge of a device casing. --- ### 4. Circuit Diagram Representation ```text [Terminal 2 - Common] / / (Switch Arm) [Terminal 1] [Terminal 3] (Stable Pos) (Momentary Pos) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the G3T18AP-R and the standard G3T12 models?
    • ⤷ Can this switch be used for a 120V AC application?
    • ⤷ What are the specific soldering temperature limits for this switch?