G3T19AB-R
AI

The **G3T19AB-R** is a specific electronic component, typically categorized as a **Miniature Toggle Switch** manufactured by **NKK Switches**. It is part of the G3T series, known for being surface-mount (SMT) compatible and designed for logic-level applications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the G3T19AB-R:
| Feature | Specification |
| :--- | :--- |
| **Switch Function** | SPDT (Single Pole Double Throw) |
| **Circuit Type** | ON-OFF-ON |
| **Contact Rating** | 0.4VA max @ 28V AC/DC max |
| **Mounting Type** | Surface Mount (SMT) - Gull Wing |
| **Actuator Style** | Standard Lever (Toggle) |
| **Terminal Material** | Copper Alloy with Gold Plating |
| **Operating Temp** | -30°C to +85°C |
---
### 2. Physical Design and Construction
The "G3T" series is engineered specifically for automated assembly processes.
* **Heat Resistance:** The body is constructed from high-heat resistant resin (Polyamide), allowing it to withstand vapor phase and infrared convection reflow soldering.
* **Gold Contacts:** Because it is rated for 0.4VA (Logic Level), the contacts are gold-plated to ensure reliability in low-energy circuits where oxidation could otherwise cause failure.
* **Sealed Structure:** It features an internal O-ring and ultrasonic welding to prevent flux or cleaning solvents from entering the contact area during the soldering process.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps identify the exact variant:
1. **G3T**: Series Identifier (Process Compatible SMT Toggles).
2. **19**: Circuit code for SPDT (Single Pole Double Throw) with ON-OFF-ON functionality.
3. **A**: Actuator type (Standard Toggle).
4. **B**: Contact Material (Gold).
5. **R**: Packaging (Tape & Reel).
---
### 4. Typical Applications
Due to its small footprint and logic-level rating, the G3T19AB-R is commonly found in:
* **Handheld devices** requiring mode selection.
* **Telecommunications equipment** (reset or configuration switches).
* **Medical instrumentation** where space is limited.
* **Industrial control panels** for low-power signal switching.
---
- ⤷What is the difference between SPDT and DPDT in the G3T series?
- ⤷ Are there specific reflow soldering profiles recommended for this switch?
- ⤷ Can this switch be used for power applications above 28V?