データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • G3T23AH-R

  • AI
    ## Technical Analysis of the G3T23AH-R The **G3T23AH-R** is a high-precision, subminiature process-sealed toggle switch manufactured by **NKK Switches**. It belongs to the G3T series, known for being specifically designed for surface-mount applications where space is at a premium and reliability is critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Circuit Type** | DPDT (Double Pole Double Throw) | | **Switch Function** | ON-OFF-ON | | **Contact Rating** | 0.4VA max @ 28V AC/DC max (Logic Level) | | **Mounting Type** | Surface Mount (SMT) - Right Angle | | **Actuator Style** | Toggle (Standard) | | **Mechanical Life** | 50,000 Cycles | | **Electrical Life** | 50,000 Cycles | | **Operating Temp** | -30°C to +85°C | --- ### 2. Component Design & Construction The G3T23AH-R is engineered for durability in harsh assembly environments. Below are the primary electronic and physical characteristics: * **Logic Level Contacts:** The contacts are gold-plated. This is critical for "logic level" applications where voltage and current are too low to break through the oxidation that typically forms on silver contacts. * **Process Sealed:** The device is fully sealed, meaning it can withstand automated soldering and high-pressure washing processes (flux removal) without internal contamination. * **Heat Resistant Resin:** The housing is constructed from high-heat resistant polyphenylene sulfide (PPS), allowing it to survive infrared (IR) and vapor phase reflow soldering. * **Gull-wing Terminals:** The "R" in the suffix often denotes the packaging or specific terminal lead bend designed to ensure secure SMT adhesion and easy solder joint inspection. --- ### 3. Pinout and Circuitry (DPDT) As a **DPDT** switch with an **ON-OFF-ON** configuration, the G3T23AH-R has 6 terminals. It functions as two separate switches controlled by a single lever. ```text Internal Logic: Pos 1 (Up): 1-2 connected & 4-5 connected Pos 2 (Center): All circuits open (OFF) Pos 3 (Down): 2-3 connected & 5-6 connected ``` --- ### 4. Typical Applications Due to its ultra-small footprint and right-angle orientation, this part is commonly found in: * **Handheld Devices:** Power management or mode selection. * **Medical Equipment:** Small-scale diagnostic tools. * **Telecommunications:** Reset or configuration switches on dense PCBs. * **Industrial Controls:** Signal switching in compact enclosures. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between gold-plated and silver-plated contacts in toggle switches?
    • ⤷ Can the G3T23AH-R be used for power switching above 1 Amp?
    • ⤷ What are the recommended reflow soldering profiles for NKK G3T series switches?