データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • G3T28AP-R

  • AI
    ## Overview of the G3T28AP-R The **G3T28AP-R** is a high-quality, subminiature toggle switch manufactured by **NKK Switches**. It belongs to the **G3T Series**, which is specifically designed for surface-mount applications where space is at a premium and high reliability is required. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Product Type** | Toggle Switch | | **Circuit Configuration** | DPDT (Double Pole Double Throw) | | **Switch Function** | ON-OFF-(ON) / Momentary | | **Current Rating** | 0.4VA Max @ 28V AC/DC Max (Logic Level) | | **Mounting Type** | Surface Mount (SMD/SMT) - Gull Wing | | **Actuator Style** | Standard Lever | | **Terminal Material** | Copper Alloy with Gold Plating | | **Operating Temp** | -30°C to +85°C | --- ### 2. Core Electronic Components & Construction The internal and external architecture of the G3T28AP-R is engineered for logic-level switching (low voltage/low current). #### A. Contact Mechanism * **Twin Crossbar (STC) Contacts:** The switch utilizes NKK’s patented Sliding Twin Crossbar contact mechanism. This ensures high reliability and a self-cleaning action every time the switch is toggled, which is critical for dry-circuit (logic level) applications. * **Gold Plating:** All contacts are gold-plated to prevent oxidation and ensure stable connectivity over the life of the component. #### B. Materials and Durability * **Heat Resistant Resin:** The molded body is made of high-temperature PPS (Polyphenylene Sulfide) or similar high-grade resin, allowing the part to withstand infrared and vapor phase reflow soldering. * **Sealed Construction:** The device is generally "process sealed," meaning it can undergo automated washing after soldering without compromising the internal electronics. #### C. Packaging (The "-R" Suffix) * The **-R** at the end of the part number indicates **Tape and Reel** packaging. This is an electronic standard for high-speed automated assembly (Pick and Place) machines. --- ### 3. Application Use Cases Because of its DPDT configuration and logic-level rating, this part is commonly used in: 1. **Handheld Devices:** Due to its subminiature size. 2. **Medical Instrumentation:** Where reliability and small footprints are required. 3. **Telecommunications:** For signal routing and mode selection. 4. **Testing Equipment:** Used as a reset or toggle selector for digital inputs. --- ### 4. Terminal Layout Diagram (Representative) ```text [Top View] (1) (4) (7) (2) (5) (8) <-- DPDT Terminals (3) (6) (9) ``` *Note: The specific pinout for the G3T28AP-R involves 6 main functional terminals plus potentially support pads for mechanical stability.* ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between DPDT and SPDT in the G3T series?
    • ⤷ What are the recommended reflow soldering profiles for this switch?
    • ⤷ Can this switch be used for high-power applications instead of logic-level?