G3T29AB-R
AI

### G3T29AB-R: Technical Specifications and Overview
The **G3T29AB-R** is a high-quality, subminiature toggle switch manufactured by **NKK Switches**. It belongs to the **G3T Series**, which is specifically designed for surface-mount (SMD) applications where space is at a premium and high reliability is required.
---
### 1. Key Technical Specifications
| Feature | Specification |
|:---|:---|
| **Manufacturer** | NKK Switches |
| **Circuit Type** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON - OFF - ON (Three-position) |
| **Current Rating** | 0.4VA Max @ 28V AC/DC Max |
| **Mounting Type** | Surface Mount (SMD) - Gull Wing Leads |
| **Actuator Style** | Standard Bat Lever |
| **Operating Temp** | -30°C to +85°C |
| **Seal Rating** | Process Sealed (Washable) |
---
### 2. Core Electronic Components & Materials
The reliability of the G3T29AB-R stems from its material composition and internal contact design:
* **Contact Mechanism:**
* **Logic Level Only:** It utilizes gold-plated contacts. This is critical because gold does not oxidize, ensuring a stable connection even in low-voltage/low-current "dry circuit" applications (up to 0.4VA).
* **Twin Crossbar (TC) Contact:** This internal design provides high reliability by ensuring that if one contact point fails due to debris, the second point maintains the circuit.
* **Housing and Base:**
* **Material:** Polyphenylene Sulfide (PPS) or high-temperature UL94V-0 plastic.
* **Heat Resistance:** The housing is designed to withstand infrared (IR) and vapor phase reflow soldering temperatures.
* **Terminals:**
* **Gull Wing Design:** The "R" in the part number often signifies the packaging or lead shape (Gull Wing), optimized for surface mount soldering to PCBs.
---
### 3. Functional Details
#### Circuit Diagram (DPDT)
The DPDT configuration means the switch controls two separate circuits simultaneously. With the **ON-OFF-ON** function:
1. **Position 1:** Circuit A is closed, Circuit B is open.
2. **Center Position:** Both circuits are open (OFF).
3. **Position 2:** Circuit A is open, Circuit B is closed.
#### Environmental Protection
This part is **process sealed**. It features an internal O-ring and an ultrasonic welding of the housing, allowing the PCB to be washed after automated soldering without contaminating the internal contacts with flux or cleaning agents.
---
### 4. Typical Applications
* **Handheld Devices:** Due to its subminiature footprint.
* **Medical Instrumentation:** Where reliability and small form factors are necessary.
* **Telecommunications:** For mode switching in compact networking hardware.
* **Industrial Controls:** As a logic-level selector switch.
- ⤷
What is the footprint size of the G3T series on a PCB?
- ⤷ Can this switch be used for power applications exceeding 1 Amp?
- ⤷ What are the specific soldering temperature limits for the G3T29AB-R?