データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GD-RFP3202U

  • AI
    The **GD-RFP3202U** is a high-performance Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically used in high-speed switching applications. It is designed to handle high current and voltage with low thermal resistance. --- ### 1. Technical Specifications Below are the primary electrical characteristics of the GD-RFP3202U: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 100 | V | | **Continuous Drain Current** | $I_D$ | 110 | A | | **Pulsed Drain Current** | $I_{DM}$ | 400 | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 7.0 - 8.5 | mΩ | | **Gate-Source Voltage** | $V_{GS}$ | ±20 | V | | **Total Gate Charge** | $Q_g$ | 160 | nC | --- ### 2. Key Electronic Features * **Low On-Resistance ($R_{DS(on)}$):** Minimizes conduction losses, making it highly efficient for power conversion. * **High Speed Switching:** Designed with low gate charge ($Q_g$) to allow for rapid transitions between ON and OFF states. * **Avalanche Ruggedness:** Capable of withstanding energy spikes from inductive loads (100% UIS tested). * **Lead-Free/RoHS Compliant:** Meets modern environmental safety standards for electronic components. --- ### 3. Pin Configuration and Package The GD-RFP3202U is commonly found in the **TO-220** or **TO-263** package, which is optimized for heat dissipation through a heatsink. | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Gate** | Controls the switching of the MOSFET. | | 2 | **Drain** | Connected to the load; current flows from Drain to Source. | | 3 | **Source** | Usually connected to the ground or negative rail. | --- ### 4. Typical Applications Due to its high current handling and efficiency, this part is used in: 1. **Motor Controllers:** Controlling DC motors in industrial or automotive tools. 2. **Uninterruptible Power Supplies (UPS):** Managing power switching for backup systems. 3. **DC-DC Converters:** High-efficiency voltage regulation in power supplies. 4. **Solar Inverters:** Converting DC energy from solar panels into usable AC or regulated DC. ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative parts for the GD-RFP3202U?
    • ⤷ How does its thermal resistance affect heatsink selection?
    • ⤷ What is the maximum operating temperature for this MOSFET?