データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • GFD-R

  • AI
    The **GFD-R** (Ground Fault Detector - Relay) is a critical safety and monitoring component used primarily in DC systems, such as solar photovoltaic (PV) arrays or battery storage systems. Its primary function is to detect leakage current to ground and trigger a protective action. ### Core Electronic Components of a GFD-R A GFD-R system is typically composed of three main electronic stages: detection, processing, and switching. | Component | Function | Description | | :--- | :--- | :--- | | **Current Sensor / CT** | Detection | Often a Hall Effect sensor or a specialized Current Transformer (CT) that monitors the balance between positive and negative rails. | | **Differential Amplifier** | Signal Processing | Amplifies the small voltage difference created by a ground fault for the control logic to read. | | **Comparator / MCU** | Logic Control | A Microcontroller or Analog Comparator that compares the leakage level against a pre-set threshold (e.g., 1A or 5A). | | **Electromechanical Relay** | Switching | The physical switch that opens the circuit or sends a signal to the inverter to shut down when a fault is detected. | | **LED Indicators** | Visual Feedback | Provides status signals (Green for Normal, Red for Fault). | --- ### How the Electronics Work Together 1. **Imbalance Detection:** In a healthy DC system, the current flowing out through the positive wire should equal the current returning through the negative wire. 2. **The Fault Signal:** If a "Ground Fault" occurs (insulation failure), some current escapes to the earth. The **Current Sensor** detects this imbalance. 3. **The Trigger:** Once the **MCU** determines the leakage exceeds the safety limit, it de-energizes the **Relay Coil**. 4. **Isolation:** The relay contacts open, which either disconnects the grounded conductor or sends a "Remote Trip" signal to the main circuit breaker/inverter to stop the flow of electricity. ### Key Technical Specifications * **Sensitivity (Trip Level):** Usually adjustable (e.g., 100mA to 5A). * **Response Time:** Typically measured in milliseconds (<200ms) to prevent fire or equipment damage. * **Voltage Rating:** Must match the system voltage (Commonly 600V or 1000V DC). * **Reset Type:** Most GFD-R units require a **Manual Reset** for safety reasons after a fault is cleared.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a GFD-R and a standard GFCI?
    • ⤷ How do you wire a GFD-R into a solar combiner box?
    • ⤷ What are the common causes of nuisance tripping in GFD-R units?